Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC55130IMZ Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HC55130IMZ
Description  Low Power UniSLIC14 Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55130IMZ Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HC55130IMZ Datasheet HTML 12Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 13Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 14Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 15Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 16Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 17Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 18Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 19Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
HC55120, HC55121, HC55130, HC55140, HC55142, HC55143, HC55150
FN4659 Rev 13.00
Page 16 of 36
June 1, 2006
Off Hook Overhead Voltage
The off hook overhead
voltage VOH(off) at Load is
also independent of the VBH
battery voltage and remains
constant over temperature.
The required off hook
overhead voltage is the sum
of the AC and DC voltage
drops across the internal
sense resistors (RS), the
protection resistors (RP), the required (peak) off hook
voltage for speech (Vsp(off)) and the required (peak) off hook
voltage for the pulse metering (Vpm(off)), if applicable.
The off hook overhead voltage is defined in Equation 2 and
calculated using Equation 3.
where:
VOH(off) at Load = Off hook overhead voltage at load
VOH(Rsense) = Required overhead for the DC voltage drop
across sense resistors (2RS x Iloop(max))
Vsp(off) = Required (peak) off hook AC voltage for speech
Vpm(off) = Required (peak) off hook AC voltage for pulse
metering
where:
80 = 2Rs + 2RINT (reference Figure 17)
Zpm = Pulse metering load impedance (typically 200).
2.0V = Additional off hook overhead voltage requirement
RSAT Resistance Calculation
The RSAT resistance of the DC feed curve is used to
determine the value of the RDC_RAC resistor (Equation 6).
The value of this resistor has an effect on both the on hook
and off hook overheads. In most applications the off hook
condition will dominate the overhead requirements.
Therefore, we’ll start by calculating the RSAT value for the off
hook conditions and then verify that the on hook conditions
are also satisfied.
When considering the Off
hook condition, RSAT is equal
to VOH(off) at Load divided by
Iloop(min) (Equation 4).
For the given system
requirements (recommended
application circuit in back of
data sheet): Iloop (min) =
20mA, Iloop (max) = 30mA,
Vsp(off) = 3.2VPEAK,
Vspm(off) = 0VPEAK,
VOH(off) at Load = 8.34V the
value of RSAT(off) is equal to 417 as calculated in Equation 4.
Before using this RSAT value, to calculate the RDC_RAC
resistor, we need to verify that the on hook requirements will
also be met.
The on hook overhead voltage
calculated with the off hook
RSAT (RSAT(off)), is given in
Equation 5 and equals 3.0V.
The on hook overhead
calculated with Equation 1
equals 2.85V for the given
system requirements
(recommended application
circuit in back of data sheet):
Switch Hook Detect threshold
= 12mA, ISH- = (0.6)12mA =
7.2mA, Vsp(on) = 0.775VRMS
Thus, the on hook overhead
requirements of 2.85V will be
met if we use the RSAT(off) value.
If the on hook overhead requirement is not met, then we
need to use the RSAT(on) value to determine the RDC_RAC
resistor value. The external saturation guard resistor
RDC_RAC is equal to 50 times RSAT.
In the example above RSAT would equal 417 and
RDC_RAC would then equal to 20.85k
 (closest standard
value is 21k
).
The Switch Hook Detect threshold current is set by resistor
RD and is calculated using Equation 7. For the above
VBH
VSAT
VOH(off)
2.5V
OFF HOOK
LOOP CURRENT
ILOOP(min)
DC FEED CURVE
OVER HEAD
(EQ. 2)
VOH off
 at Load
VOH Rsense

Vsp off

Vpm off

++
=
(EQ. 3)
VOH(off) at Load
80 ILOOP max

Vsp off

1
2RP 2RS
+
ZL
------------------------------
+



+
=
+ Vpm off

1
2RP 2RS
+
Zpm
------------------------------
+



2.0V
+
VBH
VSAT
VOH(off)
2.5V
LOOP CURRENT
ILOOP(min)
VOH(off) AT LOAD
ILOOP(min)
RSAT
RSAT
DC FEED CURVE
RSAT(off) =
VOH(off) at Load
ILOOP(min)
----------------------------------------
8.34V
20mA
----------------
417
==
(EQ. 4)
VOH(on) AT LOAD
ISH-(min)
RSAT
VBH
VSAT
VOH(on)
2.5V
ISH-(min)
LOOP CURRENT
DC FEED CURVE
RSAT on

2.85V
7.2mA
------------------
395
==
RSAT
VOH on

ISH-
 R
SAT off


=
(EQ. 5)
VOH on

7.2mA 417
=
VOH on

3.0V
=
RDC_RAC = 50 x RSAT
(EQ. 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com