Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7650SCPD Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICL7650SCPD
Description  2MHz, Super Chopper-Stabilized Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7650SCPD Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICL7650SCPD Datasheet HTML 1Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 2Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 3Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 4Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 5Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 6Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 7Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 8Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ICL7650S
FN2920 Rev 10.00
Page 3 of 13
April 12, 2007
Absolute Maximum Ratings
Thermal Information
Supply Voltage (V+ to V-). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . (V+ +0.3) to (V- -0.3)
Voltage on Oscillator Control Pins . . . . . . . . . . . . . . . . . . . . V+ to V-
Duration of Output Short Circuit. . . . . . . . . . . . . . . . . . . . . Indefinite
Current to Any Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
While Operating (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . .100
A
Operating Conditions
Temperature Range
ICL7650SC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Thermal Resistance (Typical, Note 2)
JA (°C/W) JC (°C/W)
8 Lead PDIP Package* . . . . . . . . . . . .
110
N/A
14 Lead PDIP Package . . . . . . . . . . . .
90
N/A
8 Lead SOIC Package . . . . . . . . . . . . .
160
N/A
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . .. -55°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Limiting input current to 100
A is recommended to avoid latchup problems. Typically 1mA is safe, however this is not guaranteed.
2.
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = 5V. See Test Circuit, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP.
(°C)
MIN
TYP
MAX
UNITS
Input Offset Voltage
(Note 3)
VOS
+25
-
0.7
5
V
0 to +70
-
1
8
V
Average Temperature Coefficient of
Input Offset Voltage
(Note 3)
VOS/T
0 to +70
-
0.02
-
V/°C
Change in Input Offset with Time
VOS/T
+25
-
100
-
nV/
month
Input Bias Current
|I(+)|, |I(-)|
IBIAS
+25
-
4
10
pA
0 to +70
-
520
pA
Input Offset Current
|I(-), |I(+)|
IOS
+25
-
820
pA
0 to +70
-
10
40
pA
Input Resistance
RIN
+25
-
1012
-
Large Signal Voltage Gain
(Note 3)
AVOL
RL = 10k, VO = 4V
+25
135
150
-dB
0 to +70
130
--
dB
Output Voltage Swing (Note 4)
VOUT
RL = 10k
+25
4.7
4.85
-
V
RL = 100k
+25
-
4.95
-
V
Common Mode Voltage Range
(Note 3)
CMVR
+25
-5
-5.2 to +4
3.5
V
0 to +70
-5
-
3.5
V
Common Mode Rejection Ratio
(Note 3)
CMRR
CMVR = -5V to +3.5V
+25
120
140
-dB
0 to +70
120
--
dB
Power Supply Rejection Ratio
PSRR
VS = 3V to 8V
+25
120
140
-dB
Input Noise Voltage
eN
RS = 100,
f = DC to 10Hz
+25
-
2
-
VP-P
Input Noise Current
iN
f = 10Hz
+25
-
0.01
-
pA/
Hz
Gain Bandwidth Product
GBWP
+25
-
2
-
MHz
Slew Rate
SR
CL = 50pF, RL = 10k
+25
-
2.5
-
V/
s
Rise Time
tR
+25
-
0.2
-
s
Overshoot
OS
+25
-
20
-
%
Operating Supply Range
V+ to V-
+25
4.5
-
16
V
Supply Current
ISUPP
No Load
+25
-
2
3
mA
0 to +70
-
-
3.2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com