Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7650SCPD Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICL7650SCPD
Description  2MHz, Super Chopper-Stabilized Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7650SCPD Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICL7650SCPD Datasheet HTML 4Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 5Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 6Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 7Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 8Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 9Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 10Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 11Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ICL7650S
FN2920 Rev 10.00
Page 8 of 13
April 12, 2007
Typical Performance Curves
FIGURE 7. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 8. SUPPLY CURRENT vs AMBIENT TEMPERATURE
FIGURE 9. MAXIMUM OUTPUT CURRENT vs SUPPLY
VOLTAGE
FIGURE 10. COMMON MODE INPUT VOLTAGE RANGE vs
SUPPLY VOLTAGE
FIGURE 11. CLOCK RIPPLE REFERRED TO THE INPUT vs
TEMPERATURE
FIGURE 12. 10Hz NOISE VOLTAGE vs CHOPPING
FREQUENCY
3
2
1
0
4
6
8
10
12
14
16
TOTAL SUPPLY VOLTAGE (V)
3
2
1
0
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
8
6
4
2
0
-10
-20
-30
2
4
6
8
10
12
14
16
TOTAL SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (
V)
8
7
6
5
4
3
2
1
0
0
1
23
45
6
7
8
POSITIVE
LIMIT
NEGATIVE
LIMIT
TEMPERATURE (oC)
100
10
1
0.1
25
50
75
100
125
150
BROADBAND NOISE
(AV = 1000)
0.1
F
1.0
F
CHOPPING FREQUENCY - CLOCK OUT (Hz)
4
3
2
1
10
100
1k
10k
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com