Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7650SCPD Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICL7650SCPD
Description  2MHz, Super Chopper-Stabilized Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7650SCPD Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICL7650SCPD Datasheet HTML 1Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 2Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 3Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 4Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 5Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 6Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 7Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 8Page - Renesas Technology Corp ICL7650SCPD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FN2920 Rev 10.00
Page 1 of 13
April 12, 2007
FN2920
Rev 10.00
April 12, 2007
ICL7650S
2MHz, Super Chopper-Stabilized Operational Amplifier
DATASHEET
The ICL7650S Super Chopper-Stabilized Amplifier offers
exceptionally low input offset voltage and is extremely stable
with respect to time and temperature. It is a direct
replacement for the industry-standard ICL7650 offering
improved
input offset voltage, lower input offset voltage
temperature coefficient, reduced input bias current, and
wider
common mode voltage range. All improvements are
highlighted in bold italics in the Electrical Characteristics
section. Critical parameters are guaranteed over the
entire commercial temperature range.
Intersil’s unique CMOS chopper-stabilized amplifier circuitry
is user-transparent, virtually eliminating the traditional
chopper amplifier problems of intermodulation effects,
chopping spikes, and overrange lockup.
The chopper amplifier achieves its low offset by comparing
the inverting and non-inverting input voltages in a nulling
amplifier, nulled by alternate clock phases. Two external
capacitors are required to store the correcting potentials on
the two amplifier nulling inputs; these are the only external
components necessary.
The clock oscillator and all the other control circuitry is
entirely self-contained. However the 14 lead version includes
a provision for the use of an external clock, if required for a
particular application. In addition, the ICL7650S is internally
compensated for unity-gain operation.
Features
• Guaranteed Max Input Offset Voltage for All Temperature
Ranges
• Low Long-Term and Temperature Drifts of Input Offset
Voltage
• Guaranteed Max Input Bias Current . . . . . . . . . . . . .10pA
• Extremely Wide Common Mode
Voltage Range. . . . . . . . . . . . . . . . . . . . . . . +3.5V to -5V
• Reduced Supply Current . . . . . . . . . . . . . . . . . . . . . . 2mA
• Guaranteed Minimum Output Source/Sink Current
• Extremely High Gain . . . . . . . . . . . . . . . . . . . . . . . .150dB
• Extremely High CMRR and PSRR . . . . . . . . . . . . . .140dB
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5V/
s
• Wide Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2MHz
• Unity-Gain Compensated
• Clamp Circuit to Avoid Overload Recovery Problems and
Allow Comparator Use
• Extremely Low Chopping Spikes at Input and Output
• Improved, Direct Replacement for Industry-Standard
ICL7650 and other Second-Source Parts
• Pb-Free Plus Anneal Available (RoHS Compliant)
Ordering Information
PART
NUMBER
PART
MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
ICL7650SCBA-1
7650S CBA-1
0 to +70
8 Ld SOIC
M8.15
ICL7650SCBA-1T
7650S CBA-1
0 to +70
8 Ld SOIC (Tape and Reel) M8.15
ICL7650SCBA-1Z (Note)
7650S CBA-1Z
0 to +70
8 Ld SOIC
M8.15
ICL7650SCBA-1ZT (Note)
7650S CBA-1Z
0 to +70
8 Ld SOIC (Tape and Reel) M8.15
ICL7650SCPA-1
7650S CPA-1
0 to +70
8 Ld PDIP
E8.3
ICL7650SCPA-1Z (Note)
7650S CPA-1Z
0 to +70
8 Ld PDIP* (Pb-free)
E8.3
ICL7650SCPD
ICL7650SCPD
0 to +70
14 Ld PDIP
E14.3
ICL7650SCPDZ
7650SCPDZ
0 to +70
14 Ld PDIP* (Pb-free)
E14.3
*Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.


Similar Part No. - ICL7650SCPD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7650SCPD INTERSIL-ICL7650SCPD Datasheet
144Kb / 14P
2MHz, Super Chopper-Stabilized Operational Amplifier
April 2000
ICL7650SCPD INTERSIL-ICL7650SCPD Datasheet
321Kb / 13P
2MHz, Super Chopper-Stabilized Operational Amplifier
April 12, 2007
ICL7650SCPD INTERSIL-ICL7650SCPD Datasheet
328Kb / 13P
2MHz, Super Chopper-Stabilized Operational Amplifier
April 12, 2007
ICL7650SCPDZ INTERSIL-ICL7650SCPDZ Datasheet
321Kb / 13P
2MHz, Super Chopper-Stabilized Operational Amplifier
April 12, 2007
ICL7650SCPDZ INTERSIL-ICL7650SCPDZ Datasheet
328Kb / 13P
2MHz, Super Chopper-Stabilized Operational Amplifier
April 12, 2007
More results

Similar Description - ICL7650SCPD

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Intersil Corporation
ICL7650S INTERSIL-ICL7650S Datasheet
144Kb / 14P
2MHz, Super Chopper-Stabilized Operational Amplifier
April 2000
logo
Linear Technology
LTC1052 LINER-LTC1052 Datasheet
1Mb / 20P
Chopper-Stabilized Operational Amplifier(CSOATM)
logo
Maxim Integrated Produc...
MAX430 MAXIM-MAX430 Datasheet
389Kb / 8P
짹15V Chopper-Stabilized Operational Amplifier
Rev 2; 8/98
logo
Microchip Technology
TC7650 MICROCHIP-TC7650 Datasheet
457Kb / 14P
Chopper Stabilized Operational Amplifier
2002
logo
Intersil Corporation
ICL7650S INTERSIL-ICL7650S_07 Datasheet
321Kb / 13P
2MHz, Super Chopper-Stabilized Operational Amplifier
April 12, 2007
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
Chopper Stabilized Operational Amplifier
11/29/12
logo
Intersil Corporation
ICL7650-SCPD INTERSIL-ICL7650-SCPD Datasheet
328Kb / 13P
2MHz, Super Chopper-Stabilized Operational Amplifier
April 12, 2007
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
CHOPPER STABILIZED OPERATIONAL AMPLIFIER
logo
Texas Instruments
LTC1052 TI1-LTC1052 Datasheet
51Kb / 4P
CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com