Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1104LS Datasheet(PDF) 5 Page - STANLEY ELECTRIC CO.,LTD.

Part # 1104LS
Description  Wide range temperature applicable product
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

1104LS Datasheet(HTML) 5 Page - STANLEY ELECTRIC CO.,LTD.

  1104LS Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
1104LS series
Rank
MIN.
MAX.
Rank
MIN.
MAX.
C2
120
150
D
586
589
C3
150
180
E
589
592
C4
180
220
Rank
MIN.
MAX.
Rank
MIN.
MAX.
C4
180
220
D
586
589
C5
220
270
E
589
592
C6
270
330
Rank
MIN.
MAX.
Rank
MIN.
MAX.
C9
470
560
D
586
589
CX
560
680
E
589
592
CY
680
820
Rank
MIN.
MAX.
Rank
MIN.
MAX.
C2
120
150
C
603
606
C3
150
180
D
606
609
C4
180
220
Rank
MIN.
MAX.
Rank
MIN.
MAX.
CY
680
820
C
603
606
CZ
820
1,000
D
606
609
D1
1,000
1,200
Ta=25℃
20mA
Ta=25℃
20mA
Ta=25℃
50mA
Ta=25℃
20mA
Ta=25℃
50mA
Part name
Luminous intensity Iv (mcd)
Dominant wavelength λd (nm)
Conditions
Part name
Luminous intensity Iv (mcd)
Dominant wavelength λd (nm)
Conditions
Part name
Luminous intensity Iv (mcd)
Dominant wavelength λd (nm)
Conditions
Luminous intensity Iv (mcd)
Dominant wavelength λd (nm)
Conditions
Part name
Luminous intensity Iv (mcd)
Dominant wavelength λd (nm)
Conditions
VFHY1104LS
VFGY1104LS
VFJY1104LS
VFGA1104LS
VFHA1104LS
Part name
Page 5
2017.11.20
Sorting chart for Luminous intensity and Emitting color



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com