Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1104LS Datasheet(PDF) 8 Page - STANLEY ELECTRIC CO.,LTD.

Part # 1104LS
Description  Wide range temperature applicable product
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

1104LS Datasheet(HTML) 8 Page - STANLEY ELECTRIC CO.,LTD.

Back Button 1104LS Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. 1104LS Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
1104LS series
Soldering condition
4. If soldering manually, Stanley recommends using a soldering iron equipped with temperature control.
During the actual soldering process, make sure that the soldering iron never touch the LED itself, and
avoid the LED's electrode heating temperature reaching above the heating temperature of the solder pad.
All repairs must be performed only once in the same spot, and please avoid reusing components.
5. In soldering process, immediately after iron tip is cleaned, please make sure that the soldering iron reaches
the appropriate temperature before using. Also, please avoid applying any type of pressure to the soldered
components before the solder has been cooled and hardened, as it may deteriorate solder performance and
solder quality.
6. When using adhesive material for tentative fixatives, thermosetting resin or Ultraviolet radiation (UV)
setting resin with heat shall be recommended.
《The curing condition, Temperature:150℃Max./Time:120sec.Max.》
7. Flow soldering (dip soldering) is not recommended for this product.
8. lsopropyl alcohol is recommended for cleaning. Some chemicals, including Freon substitute detergent
could corrode the lens or the casing surface, which cause discoloration, cloud, crack and so on. Please
review the reference chart below for cleaning. If water is used to clean (including the final cleaning
process), please use pure water (not tap water), and completely dry the component before using.
【Recommended manual soldering condition】
Temperature of Iron tip
350℃MAX.
Soldering duration, Time
3sec.Max.,1 time
Cleaning agents
Recommended / Not recommended
Isopropyl alcohol
 Recommended
Trichloroethylene
x Not recommended
Chlorothene
x Not recommended
Acetone
x Not recommended
Thinner
x Not recommended
Page 8
2017.11.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com