Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM1100LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SDM1100LP
Description  1A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM1100LP Datasheet(HTML) 1 Page - Diodes Incorporated

  SDM1100LP Datasheet HTML 1Page - Diodes Incorporated SDM1100LP Datasheet HTML 2Page - Diodes Incorporated SDM1100LP Datasheet HTML 3Page - Diodes Incorporated SDM1100LP Datasheet HTML 4Page - Diodes Incorporated SDM1100LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SDM1100LP
Document number: DS38515 Rev. 2 - 2
1 of 5
www.diodes.com
April 2016
© Diodes Incorporated
SDM1100LP
1A SCHOTTKY BARRIER RECTIFIER
Product Summary
VRRM (V)
IO (A)
VF(MAX) (V)
@ +25°C
IR(MAX) (µA)
@ +25°C
100
1
0.77
0.35
Description and Applications
The Schottky Barrier Rectifier is designed with low VF and low reverse
leakage in the low profile U-DFN2020-2 (Type B) package. It is ideal for
use as a rectifier, freewheel diode or blocking diode in applications
such as:
Blocking Diode
Boost Diode
Recirculating Diode
Features and Benefits
Guard Ring Die Construction Transient Protection
Low Power Loss. High Efficiency
Reduced ultra-low forward voltage drop (VF); Better efficiency
and cooler operation.
Reduced high temperature reverse leakage and increased
reliability against thermal runaway failure in high temperature
operation.
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: U-DFN2020-2 (Type B)
Case Material: Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
Polarity: See Below
Weight: 6.757mg (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
SDM1100LP-7
U-DFN2020-2 (Type B)
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2014
2015
2016
2017
2018
2019
2020
2021
2022
Code
B
C
D
E
F
G
H
I
J
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
1100 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: D = 2016)
M = Month (ex: 6 = June)
Bar = Cathode
Top View
Bottom View
Top View
Internal Schematic
U-DFN2020-2 (Type B)


Similar Part No. - SDM1100LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM1100S1F DIODES-SDM1100S1F Datasheet
318Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
SDM1100S1F-7 DIODES-SDM1100S1F-7 Datasheet
318Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
More results

Similar Description - SDM1100LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB1003EJ SANYO-SB1003EJ Datasheet
40Kb / 3P
SCHOTTKY BARRIER DIODE 30V, 1A RECTIFIER
SBE808 SANYO-SBE808 Datasheet
40Kb / 3P
Schottky Barrier Diode 15V, 1A Rectifier
SBS808M SANYO-SBS808M Datasheet
32Kb / 3P
Schottky Barrier Diode 15V, 1A Rectifier
SS1003EJ SANYO-SS1003EJ Datasheet
36Kb / 3P
Schottky Barrier Diode 30V, 1A Rectifier
logo
Diodes Incorporated
BAT1000 DIODES-BAT1000_10 Datasheet
80Kb / 4P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 9 - 2 October 2010
logo
KODENSHI_AUK CORP.
SDB120G KODENSHI-SDB120G Datasheet
247Kb / 5P
20V, 1A SCHOTTKY BARRIER RECTIFIER
SDB130 KODENSHI-SDB130 Datasheet
235Kb / 5P
30V, 1A SCHOTTKY BARRIER RECTIFIER
SDB130B KODENSHI-SDB130B Datasheet
240Kb / 5P
30V, 1A SCHOTTKY BARRIER RECTIFIER
SDB130B-1 KODENSHI-SDB130B-1 Datasheet
233Kb / 5P
30V, 1A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SDM1U100S1F DIODES-SDM1U100S1F Datasheet
390Kb / 5P
1A SCHOTTKY BARRIER RECTIFIER
Rev 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com