Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM1100LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SDM1100LP
Description  1A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM1100LP Datasheet(HTML) 2 Page - Diodes Incorporated

  SDM1100LP Datasheet HTML 1Page - Diodes Incorporated SDM1100LP Datasheet HTML 2Page - Diodes Incorporated SDM1100LP Datasheet HTML 3Page - Diodes Incorporated SDM1100LP Datasheet HTML 4Page - Diodes Incorporated SDM1100LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SDM1100LP
Document number: DS38515 Rev. 2 - 2
2 of 5
www.diodes.com
April 2016
© Diodes Incorporated
SDM1100LP
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
100
V
Average Rectified Output Current
IO
1
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
40
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Case (Note 5)
RθJC
16
°C/W
Typical Thermal Resistance Junction to Ambient (Note 5)
RθJA
65
°C/W
Operating Temperature Range
TJ
-55 to +175
°C
Storage Temperature Range
TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
100
—
—
V
IR=1mA
Forward Voltage (Note 6)
VF
—
—
0.77
V
IF = 1A, TJ = +25°C
—
0.58
0.62
IF = 1A, TJ = +125°C
—
—
0.86
IF = 2A, TJ = +25°C
—
0.65
0.70
IF = 2A, TJ = +125°C
Leakage Current (Note 6)
IR
—
—
0.1
µA
VR = 50V, TJ = +25°C
—
—
0.015
mA
VR = 50V, TJ = +85°C
—
—
0.35
µA
VR = 100V, TJ = +25°C
—
—
0.35
mA
VR = 100V, TJ = +125°C
Total Capacitance
CT
—
40
—
pF
VR = 5V, f = 1MHz
Notes:
5. Device mounted 1inch sq. copper pad, 2oz.
6. Short duration pulse test used to minimize self-heating effect.
0.0001
0.001
0.01
0.1
1
10
0
100 200 300 400 500 600 700 800 900 1000
I
,
I
N
S
T
A
N
T
A
N
E
O
U
S
F
O
R
W
A
R
D
C
U
R
R
E
N
T
(
A
)
F
Figure 1 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
T = -55°C
A
T = 125°C
A
T = 150°C
A
T = 175°C
A
T = 85°C
A
T = 25°C
A
0.001
0.01
0.1
1
10
100
1000
0
20
40
60
80
100
Figure 2 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = 25°C
A
T = 125°C
A
T = 150°C
A
T = 175°C
A
T = 85°C
A
T = -55°C
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com