Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM1100LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SDM1100LP
Description  1A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM1100LP Datasheet(HTML) 3 Page - Diodes Incorporated

  SDM1100LP Datasheet HTML 1Page - Diodes Incorporated SDM1100LP Datasheet HTML 2Page - Diodes Incorporated SDM1100LP Datasheet HTML 3Page - Diodes Incorporated SDM1100LP Datasheet HTML 4Page - Diodes Incorporated SDM1100LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SDM1100LP
Document number: DS38515 Rev. 2 - 2
3 of 5
www.diodes.com
April 2016
© Diodes Incorporated
SDM1100LP
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
A
Figure 3 DC Forward Current Derating Curve
Note 5
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
2.5
3
3.5
4
I
AVERAGE FORWARD CURRENT (A)
F(AV)
Figure 4 Forward Power Dissipation
Tj=175 C
°
10
100
1000
0
5
10
15
20
25
30
35
40
f=1MHz
Figure 5 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
TJ=175
oC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com