Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXD2020GL Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MXD2020GL
Description  Improved, Ultra Low Noise Dual Axis Accelerometer with Digital Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MXD2020GL Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MXD2020GL Datasheet HTML 1Page - List of Unclassifed Manufacturers MXD2020GL Datasheet HTML 2Page - List of Unclassifed Manufacturers MXD2020GL Datasheet HTML 3Page - List of Unclassifed Manufacturers MXD2020GL Datasheet HTML 4Page - List of Unclassifed Manufacturers MXD2020GL Datasheet HTML 5Page - List of Unclassifed Manufacturers MXD2020GL Datasheet HTML 6Page - List of Unclassifed Manufacturers MXD2020GL Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MEMSIC MXD2020GL/ML/NL/HL
Page 3 of 7
2002.08.29.1
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (VDD, VDA) ………………...-0.5 to +7.0V
Storage Temperature ……….…………-65
°C to +150°C
Acceleration ……………………………………..50,000 g
*Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only; the functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Pin Description: LCC-8 Package
Pin
Name
Description
1
TOUT
Temperature (Analog Voltage)
2
DOUTY
Y-Axis Acceleration Digital Signal
3
Gnd
Ground
4
VDA
Analog Supply Voltage
5
DOUTX
X-Axis Acceleration Digital Signal
6
Vref
2.5V Reference
7
Sck
Optional External Clock
8
VDD
Digital Supply Voltage
Ordering Guide
Model
Package
Style
Digital
Output
Temperature
Range
MXD2020GL
LCC - 8
100 Hz
0 to 70
°C
MXD2020HL
LCC - 8
400Hz
0 to 70
°C
MXD2020ML
LCC - 8
100 Hz
-40 to 105
°
MXD2020NL
LCC - 8
400 Hz
-40 to 105
°
All parts are shipped in tape and reel packaging.
Caution: ESD (electrostatic discharge) sensitive device.
8
4
1
2
3
7
6
5
Top View
X +g
Y +g
Note: The MEMSIC logo’s arrow indicates the +X sensing
direction of the device. The +Y sensing direction is rotated 90°
away from the +X direction following the right-hand rule.
THEORY OF OPERATION
The MEMSIC device is a complete dual-axis acceleration
measurement system fabricated on a monolithic CMOS IC
process. The device operation is based on heat transfer by
natural convection and operates like other accelerometers
having a proof mass. The stationary element, or ‘proof
mass’, in the MEMSIC sensor is a gas.
A single heat source, centered in the silicon chip is
suspended across a cavity. Equally spaced
aluminum/polysilicon thermopiles (groups of
thermocouples) are located equidistantly on all four sides of
the heat source (dual axis). Under zero acceleration, a
temperature gradient is symmetrical about the heat source,
so that the temperature is the same at all four thermopiles,
causing them to output the same voltage.
Acceleration in any direction will disturb the temperature
profile, due to free convection heat transfer, causing it to be
asymmetrical. The temperature, and hence voltage output
of the four thermopiles will then be different. The
differential voltage at the thermopile outputs is directly
proportional to the acceleration. There are two identical
acceleration signal paths on the accelerometer, one to
measure acceleration in the x-axis and one to measure
acceleration in the y-axis. Please visit the MEMSIC
website at www.memsic.com for a picture/graphic
description of the free convection heat transfer principle.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com