Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXD2020GL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MXD2020GL
Description  Improved, Ultra Low Noise Dual Axis Accelerometer with Digital Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MXD2020GL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MXD2020GL Datasheet HTML 1Page - List of Unclassifed Manufacturers MXD2020GL Datasheet HTML 2Page - List of Unclassifed Manufacturers MXD2020GL Datasheet HTML 3Page - List of Unclassifed Manufacturers MXD2020GL Datasheet HTML 4Page - List of Unclassifed Manufacturers MXD2020GL Datasheet HTML 5Page - List of Unclassifed Manufacturers MXD2020GL Datasheet HTML 6Page - List of Unclassifed Manufacturers MXD2020GL Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MEMSIC MXD2020GL/ML
Page 1 of 7
2002.08.29.1
Improved, Ultra Low Noise
±1 g
Dual Axis Accelerometer with
Digital Outputs
MXD2020GL/HL
MXD2020ML/NL
FEATURES
Resolution better than 1 milli-g
Dual axis accelerometer fabricated on a monolithic CMOS IC
On chip mixed mode signal processing
No moving parts
50,000 g shock survival rating
17 Hz bandwidth expandable to >160 Hz
3.0V to 5.25V single supply continuous operation
Continuous self test
Independent axis programmability (special order)
Compensated for Sensitivity over temperature
Ultra low initial Zero-g Offset
APPLICATIONS
Automotive – Vehicle Security/Vehicle stability control/
Headlight Angle Control/Tilt Sensing
Security – Gas Line/Elevator/Fatigue Sensing
Information Appliances – Computer Peripherals/PDA’s/Mouse
Smart Pens/Cell Phones
Internal
Oscillator
Sck
(optional)
CLK
Heater
Control
X axis
Y axis
Factory Adjust
Offset & Gain
LPF
LPF
Temperature
Sensor
Voltage
Reference
Vref
Dout X
Vdd
Vda
Gnd
2-AXIS
SENSOR
Dout Y
Tout
Continous
Self Test
A/D
A/D
MXD2020GL/HL/ML/NL FUNCTIONAL BLOCK
DIAGRAM
Gaming – Joystick/RF Interface/Menu Selection/Tilt Sensing
GPS
– electronic Compass tilt Correction
Consumer – LCD projectors, pedometers, blood pressure
Monitor, digital cameras
GENERAL DESCRIPTION
The MXD2020GL/HL/ML/NL is a low cost, dual axis
accelerometer fabricated on a standard, submicron CMOS
process. It is a complete sensing system with on-chip
mixed mode signal processing. The
MXD2020GL/HL/ML/NL measures acceleration with a
full-scale range of
±1 g and a sensitivity of 20%/g. It can
measure both dynamic acceleration (e.g. vibration) and
static acceleration (e.g. gravity).
The MXD2020GL/HL/ML/NL design is based on heat
convection and requires no solid proof mass. This
eliminates stiction and particle problems associated with
competitive devices and provides shock survival of 50,000
g, leading to significantly lower failure rate and lower loss
due to handling during assembly.
The MXD2020GL/HL/ML/NL provides two digital outputs
that are set to 50% duty cycle at zero g acceleration. The
outputs are digital with duty cycles (ratio of pulse width to
period) that are proportional to acceleration. The duty
cycle outputs can be directly interfaced to a micro-
processor.
The typical noise floor is 0.2 mg/ Hz allowing signals
below 1 milli-g to be resolved at 1 Hz bandwidth. The
MXD2020GL/HL/ML/NL is packaged in a hermetically
sealed LCC surface mount package (5 mm x 5 mm x 2 mm
height) and is operational over a -40°C to 105°C(M/NL) and
0
°C to 70°C(G/HL) temperature range.
Information furnished by MEMSIC is believed to be accurate and reliable.
However, no responsibility is assumed by MEMSIC for its use, nor for any
infringements of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or
patent rights of MEMSIC.
MEMSIC, Inc.
800 Turnpike St., Suite 202, North Andover, MA 01845
Tel: 978.738.0900
Fax: 978.738.0196
www.memsic.com


Similar Part No. - MXD2020GL

ManufacturerPart #DatasheetDescription
logo
MEMSIC Semiconductor (T...
MXD2020GL MEMSIC-MXD2020GL Datasheet
172Kb / 7P
Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Rev.G
More results

Similar Description - MXD2020GL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXD2020EL ETC1-MXD2020EL Datasheet
583Kb / 8P
Ultra Low Noise, Low offset Drift 1g, -1g Dual Axis Accelerometer with Digital Outputs
MXA2500U ETC1-MXA2500U Datasheet
321Kb / 8P
Ultra Low Noise, 1g Dual Axis Accelerometer with Analog Outputs
MXA2500G ETC1-MXA2500G Datasheet
335Kb / 8P
Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Absolute Outputs
MXD2020G ETC1-MXD2020G Datasheet
144Kb / 7P
Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
MXR2312G ETC1-MXR2312G Datasheet
821Kb / 6P
Improved, Ultra Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Outputs
logo
MEMSIC Semiconductor (T...
MXA2500G MEMSIC-MXA2500G Datasheet
560Kb / 7P
Improved, Ultra Low Noise ??.7 g Dual Axis Accelerometer with Absolute Outputs
v1.0
MXD2020E MEMSIC-MXD2020E Datasheet
227Kb / 8P
Ultra Low Noise, Low offset Drift 짹1 g Dual Axis Accelerometer with Digital Outputs
Rev H
MXD2020G MEMSIC-MXD2020G Datasheet
172Kb / 7P
Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Rev.G
MXD2020U MEMSIC-MXD2020U Datasheet
183Kb / 8P
Ultra Low Noise, 짹1 g Dual Axis Accelerometer with Digital Outputs
Rev.G
MXR2999G MEMSIC-MXR2999G Datasheet
179Kb / 6P
Improved 짹1 g Dual Axis Accelerometer with Ratiometric Outputs
Rev.G
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com