| Electronic Components Datasheet Search |
|
PIC1F628 Datasheet(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC1F628 Datasheet(HTML) 11 Page - Microchip Technology |
|
11 / 170 page ![]() 2003 Microchip Technology Inc. Preliminary DS40300C-page 9 PIC16F62X TABLE 2-1: PIC16F62X PINOUT DESCRIPTION Name Function Input Type Output Type Description RA0/AN0 RA0 ST CMOS Bi-directional I/O port AN0 AN — Analog comparator input RA1/AN1 RA1 ST CMOS Bi-directional I/O port AN1 AN — Analog comparator input RA2/AN2/V REF RA2 ST CMOS Bi-directional I/O port AN2 AN — Analog comparator input V REF —AN V REF output RA3/AN3/CMP1 RA3 ST CMOS Bi-directional I/O port AN3 AN — Analog comparator input CMP1 — CMOS Comparator 1 output RA4/T0CKI/CMP2 RA4 ST OD Bi-directional I/O port T0CKI ST — Timer0 clock input CMP2 — OD Comparator 2 output RA5/MCLR/V PP RA5 ST — Input port MCLR ST — Master clear V PP — — Programming voltage input. When configured as MCLR, this pin is an active low RESET to the device. Voltage on MCLR/V PP must not exceed V DD during normal device operation. RA6/OSC2/CLKOUT RA6 ST CMOS Bi-directional I/O port OSC2 XTAL — Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator mode. CLKOUT — CMOS In ER/INTRC mode, OSC2 pin can output CLKOUT, which has 1/4 the frequency of OSC1 RA7/OSC1/CLKIN RA7 ST CMOS Bi-directional I/O port OSC1 XTAL — Oscillator crystal input CLKIN ST — External clock source input. ER biasing pin. RB0/INT RB0 TTL CMOS Bi-directional I/O port. Can be software programmed for internal weak pull-up. INT ST — External interrupt. RB1/RX/DT RB1 TTL CMOS Bi-directional I/O port. Can be software programmed for internal weak pull-up. RX ST — USART receive pin DT ST CMOS Synchronous data I/O. RB2/TX/CK RB2 TTL CMOS Bi-directional I/O port. TX — CMOS USART transmit pin CK ST CMOS Synchronous clock I/O. Can be software programmed for internal weak pull-up. RB3/CCP1 RB3 TTL CMOS Bi-directional I/O port. Can be software programmed for internal weak pull-up. CCP1 ST CMOS Capture/Compare/PWM I/O Legend: O = Output CMOS = CMOS Output P = Power — = Not used I = Input ST = Schmitt Trigger Input TTL = TTL Input OD = Open Drain Output AN = Analog |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |