Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL2103ALAF Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ZL2103ALAF
Description  3A Digital-DC Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2103ALAF Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ZL2103ALAF Datasheet HTML 16Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 17Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 18Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 19Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 20Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 21Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 22Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 23Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ZL2103
FN6966 Rev 5.00
Page 20 of 28
May 3, 2011
In the ZL2103, the compensation zeros are set by configuring the
FC pin or via the I2C/SMBus interface once the user has
calculated the required settings. This method eliminates the
inaccuracies due to the component tolerances associated with
using external resistors and capacitors required with traditional
analog controllers.
The loop compensation coefficients can also be set via the
I2C/SMBus interface. Please refer to Application Note AN2033
for further details. Also refer to Application Note AN2035 for
further technical details on setting loop compensation.
Driver Dead-time Control
The ZL2103 utilizes a predetermined fixed dead-time applied
between the gate drive signals for the top and bottom MOSFETs.
In a synchronous buck converter, the MOSFET drive circuitry must
be operated such that the top and bottom MOSFETs are never in
the conducting state at the same time. This is because
potentially damaging currents flow in the circuit if both MOSFETs
are on simultaneously for periods of time exceeding a few
nanoseconds. Conversely, long periods of time in which both
MOSFETs are off reduces overall circuit efficiency by allowing
current to flow in their parasitic body diodes.
Therefore, it is advantageous to minimize the dead-time to
provide peak optimal efficiency without compromising system
reliability. The ZL2103 has optimized the dead-time for the
integrated MOSFETs to maximizing efficiency.
Power Management Functional
Description
Input Undervoltage Lockout
The input undervoltage lockout (UVLO) prevents the ZL2103 from
operating when the input falls below a preset threshold,
indicating the input supply is out of its specified range. The UVLO
threshold (VUVLO) can be set to either 4.5V or 10.8V using the SS
pin according to Table 6.
The UVLO voltage can also be set to any value between 2.85V
and 16V via the I2C/SMBus interface.
Once an input undervoltage fault condition occurs, the device
can respond in a number of ways as follows:
1. Continue operating without interruption.
2. Continue operating for a given delay period, followed by
shutdown if the fault still exists. The device will remain in
shutdown until instructed to restart.
3. Initiate an immediate shutdown until the fault has been
cleared. The user can select a specific number of retry
attempts.
The default response from a UVLO fault is an immediate shutdown
of the device. Please refer to Application Note AN2033 for details on
how to configure the UVLO threshold or to select specific UVLO fault
response options via the I2C/SMBus interface.
Output Overvoltage Protection
The ZL2103 offers an internal output overvoltage protection
circuit that can be used to protect sensitive load circuitry from
being subjected to a voltage higher than its prescribed limits. A
hardware comparator is used to compare the actual output
voltage (seen at the VSEN pin) to a threshold set to 15% higher
than the target output voltage (the default setting). If the VSEN
voltage exceeds this threshold, the PG pin will de-assert and the
device can then respond in a number of ways as follows:
1. Initiate an immediate shutdown until the fault has been
cleared. The user can select a specific number of retry
attempts.
2. Turn off the high-side MOSFET and turn on the low-side
MOSFET. The low-side MOSFET remains on until the device
attempts a restart.
The default response from an overvoltage fault is to immediately
shut down. For continuous overvoltage protection when operating
from an external clock, the only allowed response is an
immediate shutdown. Please refer to Application Note AN2033
TABLE 12. RESISTOR SETTING FOR LOOP COMPENSATION
G(dB)
Qfsw/fn
FC
(k)
24
0.150
115.000
Open or 11
27
0.150
115.000
Low or 10
27
0.150
69.147
13.3
27
0.150
41.577
14.7
27
0.300
115.000
16.2
27
0.300
69.147
17.8
27
0.300
41.577
19.6
27
0.300
25.000
21.5
27
0.600
69.147
23.7
27
0.600
41.577
26.1
27
0.600
25.000
28.7
30
0.150
115.000
High or 12.1
30
0.150
69.147
31.6
30
0.150
41.577
34.8
30
0.300
115.000
38.3
30
0.300
69.147
42.2
30
0.300
41.577
46.4
30
0.300
25.000
51.1
30
0.600
69.147
56.2
30
0.600
41.577
61.9
30
0.600
25.000
68.1
33
0.150
115.000
75.0
33
0.150
69.147
82.5
33
0.150
41.577
90.9
33
0.300
115.000
100.0
33
0.300
69.147
110.0
33
0.300
41.577
121.0
33
0.300
25.000
133.0
33
0.600
69.147
147.0
33
0.600
41.577
162.0
33
0.600
25.000
178.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com