Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL2103ALAF Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ZL2103ALAF
Description  3A Digital-DC Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2103ALAF Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ZL2103ALAF Datasheet HTML 19Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 20Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 21Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 22Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 23Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 24Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 25Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 26Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ZL2103
FN6966 Rev 5.00
Page 23 of 28
May 3, 2011
the user may also configure a specific ramp rate using the SS
pin. Tracking mode is enabled through the CFG pin, as shown in
Table 16, and configured through the SS pin, as shown in
Table 13.
Any device that is configured for tracking mode will ignore its
soft-start delay and ramp time settings (SS pin) and its output
will take on the turn-on/turn-off characteristics of the reference
voltage present at the VTRK pin. All of the ENABLE pins in the
tracking group must be connected together and driven by a
single logic source.
Tracking mode can also be configured via the I2C/SMBus
interface by using the TRACK_CONFIG PMBus command. Please
refer to Application Note AN2033 for more information on
configuring tracking mode using PMBus.
Voltage Margining
The ZL2103 offers a simple means to vary its output higher or
lower than its nominal voltage setting in order to determine
whether the load device is capable of operating over its specified
supply voltage range. The MGN command is set by driving the
MGN pin or through the I2C/SMBus interface. The MGN pin is a
tri-level input that is continuously monitored and can be driven
directly by a processor I/O pin or other logic-level output.
The ZL2103’s output will be forced higher than its nominal set
point when the MGN command is set HIGH, and the output will
be forced lower than its nominal set point when the MGN
command is set LOW. Default margin limits of VNOM ±5% are pre-
loaded in the factory, but the margin limits can be modified
through the I2C/SMBus interface to as high as VNOM + 10% or as
low as 0V, where VNOM is the nominal output voltage set point
determined by the VSET pin. A safety feature prevents the user
from configuring the output voltage to exceed VNOM + 10% under
any conditions.
The margin limits and the MGN command can both be set
individually through the I2C/SMBus interface. Additionally, the
transition rate between the nominal output voltage and either
margin limit can be configured through the I2C/SMBus interface.
Please refer to Application Note AN2033 for detailed instructions
on modifying the margining configurations.
TABLE 13. TRACKING MODE CONFIGURATION
RSS
(k
)
UVLO
(V)
TRACKING RATIO
(%)
UPPER TRACK LIMIT
RAMP-UP/DOWN BEHAVIOR
19.6
5.5
100
Limited by target voltage
Output not allowed to decrease before PG
21.5
Output will always follow VTRK
23.7
Limited by VTRK pin voltage
Output not allowed to decrease before PG
26.1
Output will always follow VTRK
28.7
50
Limited by target voltage
Output not allowed to decrease before PG
31.6
Output will always follow VTRK
34.8
Limited by VTRK pin voltage
Output not allowed to decrease before PG
38.3
Output will always follow VTRK
56.2
7.5
100
Limited by target voltage
Output not allowed to decrease before PG
61.9
Output will always follow VTRK
68.1
Limited by VTRK pin voltage
Output not allowed to decrease before PG
75
Output will always follow VTRK
82.5
50
Limited by target voltage
Output not allowed to decrease before PG
90.9
Output will always follow VTRK
100
Limited by VTRK pin voltage
Output not allowed to decrease before PG
110
Output will always follow VTRK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com