Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL2103ALAF Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ZL2103ALAF
Description  3A Digital-DC Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2103ALAF Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ZL2103ALAF Datasheet HTML 20Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 21Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 22Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 23Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 24Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 25Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 26Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 27Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ZL2103
FN6966 Rev 5.00
Page 24 of 28
May 3, 2011
I2C/SMBus Communications
The ZL2103 provides an I2C/SMBus digital interface that enables
the user to configure all aspects of the device operation as well
as monitor the input and output parameters. The ZL2103 can be
used with any standard 2-wire I2C host device.
In addition, the device is compatible with SMBus version 2.0 and
includes an SALRT line to help mitigate bandwidth limitations
related to continuous fault monitoring. Pull-up resistors are
required on the I2C/SMBus as specified in the SMBus 2.0
specification. The ZL2103 accepts most standard PMBus
commands. When controlling the device with PMBus commands,
it is recommended that the enable pin is tied to SGND.
I2C/SMBus Device Address Selection
When communicating with multiple devices using the
I2C/SMBus interface, each device must have its own unique
address so the host can distinguish between the devices. The
device address can be set according to the pin-strap options
listed in Table 14. Address values are right-justified.
If additional device addresses are required, a resistor can be
connected to the SA pin according to Table 15 to provide up to 30
unique device addresses.
Digital-DC Bus
The Digital-DC Communications (DDC) bus is used to
communicate between Zilker Labs Digital-DC devices. This
dedicated bus provides the communication channel between
devices for features such as sequencing and fault spreading. The
DDC pin on all Digital-DC devices in an application should be
connected together. A pull-up resistor is required on the DDC bus
in order to guarantee the rise time as expressed in Equation 13:
Where RPU is the DDC bus pull-up resistance and CLOAD is the bus
loading. The pull-up resistor may be tied to VRA or to an external
3.3V or 5V supply as long as this voltage is present prior to or
during device power-up. As rules of thumb, each device
connected to the DDC bus presents approximately 10pF of
capacitive loading, and each inch of FR4 PCB trace introduces
approximately 2pF. The ideal design will use a central pull-up
resistor that is well matched to the total load capacitance. In
power module applications, the user should consider whether to
place the pull-up resistor on the module or on the PCB of the end
application.
The minimum pull-up resistance should be limited to a value that
enables any device to assert the bus to a voltage that will ensure
a logic 0 (typically 0.8V at the device monitoring point) given the
pull-up voltage (5V if tied to VRA) and the pull-down current
capability of the ZL2103 (nominally 4mA).
TABLE 14. SMBus DEVICE ADDRESS SELECTION
SA PIN SETTING
SMBus ADDRESS
LOW
0x20
OPEN
0x21
HIGH
0x22
(EQ. 13)
Rise time
RPU
=
CLOAD
1
s
TABLE 15. SMBus ADDRESS VALUES
RSA
(k
)
SMBus Address
10
0x20
11
0x21
12.1
0x22
13.3
0x23
14.7
0x24
16.2
0x25
17.8
0x26
19.6
0x27
21.5
0x28
23.7
0x29
26.1
0x2A
28.7
0x2B
31.6
0x2C
34.8
0x2D
38.3
0x2E
42.2
0x2F
46.4
0x30
51.1
0x31
56.2
0x32
61.9
0x33
68.1
0x34
75
0x35
82.5
0x36
90.9
0x37
100
0x38
110
0x39
121
0x3A
133
0x3B
147
0x3C
162
0x3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com