Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6578CSTR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SS6578CSTR
Description  HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SS6578CSTR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SS6578CSTR Datasheet HTML 1Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 2Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 3Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 4Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 5Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 6Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 7Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 8Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.SiliconStandard.com
2 of 11
SS6578
TYPICAL APPLICATION CIRCUIT
VIN
1
DUTY
2
SHDN
3
FB
4
GND
5
DRI
6
CS-
7
CS+
8
U1 SS6578
R3
12K
R4
3K9
C2
0.1
µF
+VIN 6.4~18V
+VOUT, 5V
Rs
*
+
C4
470
µF
D1
GS SS32
+
C1
100
µF
<15V
L1
33
µH
R6
1M
Q1
R7
**
L
f
V
2
)
V
V
(
V
I
I
S
IN
O
IN
O
MAX
,
O
P
×
×
−
+
=
2
O
O
IN
MAX
,
O
S
IN
S
IN
P
P
TH
S
V
V
V
LI
f
V
2
L
f
V
1
.
0
I
mV
50
I
V
R
−
+
=
=
=
VIN: Input voltage
VOUT: Output voltage
fS: Working frequency
L= Inductor value
IO,MAX: Maximum Output current
VTH: Current Limit Sense Threshold
**VIN>15V, R7=15Ω
VIN
≤15V, R7=0Ω
DC/DC Buck Converter
ABSOLUTE MAXIMUM RATINGS
VIN Supply Voltage.....…………................................…….............................................. 20V
DUTY Voltage.........................................……………...……........................................... 20V
SHDN Voltage......................................………….......……............................................. 15V
Operating Temperature Range................………….....…….................................... 0
°C~70°C
Storage Temperature Range......................…………....……........................... -65
°C~ 150°C
TEST CIRCUIT
Refer to TYPICAL APPLICATION CIRCUIT.
Rev.2.02 4/06/2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com