Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6578CSTR Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SS6578CSTR
Description  HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SS6578CSTR Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SS6578CSTR Datasheet HTML 1Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 2Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 3Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 4Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 5Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 6Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 7Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 8Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.SiliconStandard.com
3 of 11
ELECTRICAL CHARACTERISTICS
(VIN= 13V, TA=25°C, unless otherwise specified.)
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operation Voltage
4
20
V
Quiescent Current
VFB = 1.5V
90
160
µA
Shutdown Mode Current
VSHDN = 0V
8
20
µA
Internal Reference Voltage
1.16
1.22
1.28
V
Driver Sinking "ON Resistance"
16
Ω
Driver Sourcing "ON Resistance"
11
Ω
Current Limit Sense Threshold
VCS+ = 13V
50
70
90
mV
Shutdown Threshold
0.8
1.5
2.4
V
SHDN Pin Leakage Current
V SHDN < 15V
1
µA
Duty Cycle
VDUTY = VIN
71
%
Oscillator Frequency
VDUTY = VIN
225
KHz
SS6578
Rev.2.02 4/06/2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com