Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6578CSTR Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SS6578CSTR
Description  HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SS6578CSTR Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SS6578CSTR Datasheet HTML 2Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 3Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 4Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 5Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 6Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 7Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 8Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 9Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.SiliconStandard.com
6 of 11
SS6578
APPLICATION EXAMPLES
SS6578
CS+
CS-
DRI
DUTY
FB
GND
SHDN
VIN
*:Sumida MPP Core
5V
VOUT
VIN
6.4 ~ 18V
33
µH
+
15.4K
R2
47K
R1
330
µF
C3
GS SS32
D1
+
*L1
Q1
C1
C2
RS
*R7
VIN>15V, R7=15Ω
VIN≤15V, R7=0Ω
Load Current (mA)
Efficiency vs. Load Current
100
10
100
1000
80
85
90
95
VIN=6.4
V
VIN=9V
VIN=16
V
VOUT=5V
Fig. 7 5V Step-Down Converter
SS6578
CS+
CS-
DRI
DUTY
FB
GND
SHDN
VIN
*:Sumida MPP Core
5V
VOUT
VIN
12 ~ 18V
33
µH
+
27.4K
R2
47K
R1
330
µF
C3
GS SS32
D1
+
*L1
Q1
C1
C2
RS
R1**
680
6.8V
D2
VIN>15V, R7=15Ω
VIN≤15V, R7=0Ω
R7
**R1 value is based on the
current rating of D2
Load Current (mA)
Efficiency vs. Load Current
95
10
10
1000
75
80
85
90
VOUT=3.3V
VIN=16V
Fig. 8 3.3V Step-Down Converter
Rev.2.02 4/06/2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com