Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2772IP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2772IP
Description  2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT DUAL OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2772IP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2772IP Datasheet HTML 2Page - Texas Instruments TLV2772IP Datasheet HTML 3Page - Texas Instruments TLV2772IP Datasheet HTML 4Page - Texas Instruments TLV2772IP Datasheet HTML 5Page - Texas Instruments TLV2772IP Datasheet HTML 6Page - Texas Instruments TLV2772IP Datasheet HTML 7Page - Texas Instruments TLV2772IP Datasheet HTML 8Page - Texas Instruments TLV2772IP Datasheet HTML 9Page - Texas Instruments TLV2772IP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TLV2772, TLV2772A, TLV2772Y
2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
DUAL OPERATIONAL AMPLIFIERS
SLOS209 – JANUARY 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 2.7 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLV2772I
TLV2772AI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
V0
V0
25
°C
0.44
2.5
0.44
1.6
mV
VIO
Input offset voltage
V0
V0
Full range
0.47
2.7
0.47
1.9
mV
αVIO
Temperature
coefficient of input
V0
V0
25
°C
to
2
2
µV/°C
αVIO
coefficient of input
offset voltage
V0
V0
to
125
°C
2
2
µV/°C
VIC = 0,
RS = 50 Ω
VO = 0,
25
°C
1
1
IIO
Input offset current
RS = 50 Ω
–40
°C to
85
°C
2
100
2
100
pA
25
°C
2
2
IIB
Input bias current
–40
°C to
85
°C
6
100
6
100
pA
0
– 0.3
0
– 0.3
25
°C
0
to
0.3
to
0
to
0.3
to
VICR
Common-mode
CMRR>70dB
RS =50 Ω
1.4
1.7
1.4
1.7
V
VICR
input voltage range
CMRR > 70 dB,
RS = 50 Ω
0
– 0.3
0
– 0.3
V
Full range
0
to
0.3
to
0
to
0.3
to
g
1.4
1.7
1.4
1.7
IOH = 0 675 mA
25
°C
2.6
2.6
VOH
High-level output
IOH = – 0.675 mA
Full range
2.5
2.5
V
VOH
g
voltage
IOH =2 2 mA
25
°C
2.4
2.4
V
IOH = – 2.2 mA
Full range
2.1
2.1
VIC = 1 35 V
IOL = 0 675 mA
25
°C
0.1
0.1
VOL
Low-level output
VIC = 1.35 V,
IOL = 0.675 mA
Full range
0.2
0.2
V
VOL
voltage
VIC = 1 35 V
IOL =2 2mA
25
°C
0.21
0.21
V
VIC = 1.35 V,
IOL = 2.2 mA
Full range
0.6
0.6
AVD
Large-signal
differential voltage
VIC = 1.35 V,
R10 k
Ω
25
°C
20
380
20
380
V/mV
AVD
differential voltage
amplification
IC
,
VO = 0.6 V to 2.1 V
RL = 10 kΩ
Full range
13
13
V/mV
ri(d)
Differential input
resistance
25
°C
1012
1012
Ω
ci(c)
Common-mode
input capacitance
f = 10 kHz,
25
°C
8
8
pF
zo
Closed-loop
output impedance
f = 100 kHz,
AV = 10
25
°C
25
25
Ω
CMRR
Common-mode
VIC = 0 to 1.5 V,
VO = 1.5 V,
25
°C
70
84
70
84
dB
CMRR
rejection ratio
IC
,
RS = 50 Ω
O
,
Full range
70
82
70
82
dB
kSVR
Supply voltage
rejection ratio
VDD = 2.7 V to 5 V,
VIC = VDD /2,
25
°C
70
89
70
89
dB
kSVR
rejection ratio
(
∆VDD /∆VIO)
DD
,
No load
IC
DD
,
Full range
70
84
70
84
dB
IDD
Supply current
VO =1 5V
No load
25
°C
1
2
1
2
mA
IDD
y
(per channel)
VO = 1.5 V,
No load
Full range
2
2
mA
† Full range is – 40
°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com