Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2772IP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2772IP
Description  2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT DUAL OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2772IP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV2772IP Datasheet HTML 9Page - Texas Instruments TLV2772IP Datasheet HTML 10Page - Texas Instruments TLV2772IP Datasheet HTML 11Page - Texas Instruments TLV2772IP Datasheet HTML 12Page - Texas Instruments TLV2772IP Datasheet HTML 13Page - Texas Instruments TLV2772IP Datasheet HTML 14Page - Texas Instruments TLV2772IP Datasheet HTML 15Page - Texas Instruments TLV2772IP Datasheet HTML 16Page - Texas Instruments TLV2772IP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TLV2772, TLV2772A, TLV2772Y
2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
DUAL OPERATIONAL AMPLIFIERS
SLOS209 – JANUARY 1998
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TLV2772Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
V0
V0
0.36
mV
IIO
Input offset current
VIC = 0,
RS = 50 Ω
VO = 0,
1
pA
IIB
Input bias current
RS = 50 Ω
2
pA
VICR
Common-mode input voltage range
CMRR > 60 dB,
RS = 50 Ω
– 0.3
to
3.8
V
VOH
High level output voltage
IOH = – 1.3 mA
4.9
V
VOH
High-level output voltage
IOH = – 4.2 mA
4.7
V
VOL
Low level output voltage
VIC = 2.5 V,
IOL = 1.3 mA
0.1
V
VOL
Low-level output voltage
VIC = 2.5 V,
IOL = 4.2 mA
0.21
V
AVD
Large-signal differential voltage amplification
VIC = 2.5 V,
VO = 1 V to 4 V
RL = 10 kΩ,
450
V/mV
ri(d)
Differential input resistance
1012
Ω
ci(c)
Common-mode input capacitance
f = 10 kHz
8
pF
zo
Closed-loop output impedance
f = 100 kHz,
AV = 10
20
Ω
CMRR
Common-mode rejection ratio
VIC = 0 to 3.7 V,
RS = 50 Ω
VO = 3.7 V,
96
dB
kSVR
Supply voltage rejection ratio (
∆VDD /∆VIO)
VDD = 2.7 V to 5 V,
No load
VIC = VDD /2,
89
dB
IDD
Supply current (per channel)
VO = 1.5 V,
No load
1
mA
operating characteristics at specified free-air temperature, VDD = 5 V, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TLV2772Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VO(PP) = 1.5 V,
RL = 10 kΩ
CL = 100 pF,
10.5
V/
µs
V
Equivalent input noise voltage
f = 10 Hz
147
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
17
nV/
√Hz
VN(PP)
Peak to peak equivalent input noise voltage
f = 0.1 Hz to 1 Hz
0.33
µV
VN(PP)
Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
0.86
µV
In
Equivalent input noise current
f = 100 Hz
0.2
pA /
√Hz
R
600
Ω
AV = 1
0.005%
THD + N
Total harmonic distortion plus noise
RL = 600 Ω,
f = 1 kHz
AV = 10
0.016%
f = 1 kHz
AV = 100
0.095%
Gain-bandwidth product
f = 10 kHz,
CL = 100 pF
RL = 600 Ω,
5.1
MHz
t
Settling time
AV = –1,
Step = 1.5 V to 3.5 V,
0.1%
0.134
µs
ts
Settling time
,
RL = 600 Ω,
CL = 100 pF
0.01%
1.97
µs
φm
Phase margin at unity gain
RL = 600 Ω
CL = 100 pF
46
°
Gain margin
RL = 600 Ω,
CL = 100 pF
12
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com