Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2772IP Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2772IP
Description  2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT DUAL OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2772IP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLV2772IP Datasheet HTML 19Page - Texas Instruments TLV2772IP Datasheet HTML 20Page - Texas Instruments TLV2772IP Datasheet HTML 21Page - Texas Instruments TLV2772IP Datasheet HTML 22Page - Texas Instruments TLV2772IP Datasheet HTML 23Page - Texas Instruments TLV2772IP Datasheet HTML 24Page - Texas Instruments TLV2772IP Datasheet HTML 25Page - Texas Instruments TLV2772IP Datasheet HTML 26Page - Texas Instruments TLV2772IP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
TLV2772, TLV2772A, TLV2772Y
2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
DUAL OPERATIONAL AMPLIFIERS
SLOS209 – JANUARY 1998
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 31
t – Time – ns
VOLTAGE-FOLLOWER
SMALL-SIGNAL PULSE RESPONSE
VDD = 2.7 V
RL = 600 Ω
CL = 100 pF
AV = 1
TA = 25°C
40
0
20
–20
80
60
0
1.5k
1k
500
2k
2.5k
3.5k
3k
4k
4.5k 5k
100
–40
–60
Figure 32
t – Time – ns
VDD = 5 V
RL = 600 Ω
CL = 100 pF
AV = 1
TA = 25°C
VOLTAGE-FOLLOWER
SMALL-SIGNAL PULSE RESPONSE
40
0
20
–20
80
60
0
1.5k
1k
500
2k
2.5k
3.5k
3k
4k
4.5k 5k
100
–40
–60
Figure 33
t – Time – ns
VOLTAGE-FOLLOWER
LARGE-SIGNAL PULSE RESPONSE
VDD = 2.7 V
RL = 600 Ω
CL = 100 pF
AV = 1
TA = 25°C
1.5
0.5
1
0
2.5
2
0
1.5k
1k
500
2k
2.5k
3.5k
3k
4k
4.5k 5k
3
–0.5
–1
Figure 34
t – Time – ns
VDD = 5 V
RL = 600 Ω
CL = 100 pF
AV = 1
TA = 25°C
VOLTAGE-FOLLOWER
LARGE-SIGNAL PULSE RESPONSE
3
1
2
0
5
4
0
1.5k
1k
500
2k
2.5k
3.5k
3k
4k
4.5k 5k
6
–1
–2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com