Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT29F010B Datasheet(PDF) 1 Page - Force Technologies Ltd

Part # FT29F010B
Description  1 Megabit (128 K x 8-bit) Uniform Sector Flash Memory CMOS 5.0 Volt-only
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT29F010B Datasheet(HTML) 1 Page - Force Technologies Ltd

  FT29F010B Datasheet HTML 1Page - Force Technologies Ltd FT29F010B Datasheet HTML 2Page - Force Technologies Ltd FT29F010B Datasheet HTML 3Page - Force Technologies Ltd FT29F010B Datasheet HTML 4Page - Force Technologies Ltd FT29F010B Datasheet HTML 5Page - Force Technologies Ltd FT29F010B Datasheet HTML 6Page - Force Technologies Ltd FT29F010B Datasheet HTML 7Page - Force Technologies Ltd FT29F010B Datasheet HTML 8Page - Force Technologies Ltd FT29F010B Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
FT29F010B
1 Megabit (128 K x 8-bit)
CMOS 5.0 Volt-only
Uniform Sector Flash Memory
DISTINCTIVE CHARACTERISTICS
■ Single power supply operation
— 5.0 V ± 10% for read, erase, and program operations
— Simplifies system-level power requirements
■ Manufactured on 0.32 µm process technology
— Compatible with
FT29F010 and FT29F010A
device
■ High performance
—
90 ns maximum access time
■ Low power consumption
— 12 mA typical active read current
— 30 mA typical program/erase current
— <1 µA typical standby current
■ Flexible sector architecture
— Eight 16 Kbyte sectors
— Any combination of sectors can be erased
— Supports full chip erase
■ Sector protection
— Hardware-based feature that disables/re-
enables program and erase operations in any
combination of sectors
— Sector protection/unprotection can be
implemented using standard PROM
programming equipment
■ Embedded Algorithms
— Embedded Erase algorithm automatically
pre-programs and erases the chip or any
combination of designated sector
— Embedded Program algorithm automatically
programs and verifies data at specified address
■ Erase Suspend/Resume
— Supports reading data from a sector not
being erased
■ Minimum 1 million erase cycles guaranteed per
sector
■ 20-year data retention at 125
°C
— Reliable operation for the life of the system
■ Package options
— 32-pin
LCC/CLCC
— 32-pin
FP/FFP
— 32-pin
CDIP/CSOJ
■ Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply flash
— Superior inadvertent write protection
■ Data# Polling and Toggle Bits
— Provides a software method of detecting
program or erase cycle completion
— 32-pin PLCC
Rev 2
1/30
2014


Similar Part No. - FT29F010B

ManufacturerPart #DatasheetDescription
logo
Force Technologies Ltd
FT29F040B FORCE-FT29F040B Datasheet
3Mb / 36P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
FT29F040B-120 FORCE-FT29F040B-120 Datasheet
3Mb / 36P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
FT29F040B-120EC FORCE-FT29F040B-120EC Datasheet
3Mb / 36P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
FT29F040B-120ED FORCE-FT29F040B-120ED Datasheet
3Mb / 36P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
FT29F040B-120EE FORCE-FT29F040B-120EE Datasheet
3Mb / 36P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results

Similar Description - FT29F010B

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F010-1 AMD-AM29F010-1 Datasheet
56Kb / 8P
1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
AM29F010 AMD-AM29F010 Datasheet
370Kb / 31P
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F040B AMD-AM29F040B Datasheet
394Kb / 30P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B Datasheet
66Kb / 7P
1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
SPANSION
AM29F010B SPANSION-AM29F010B Datasheet
849Kb / 35P
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F010A AMD-AM29F010A Datasheet
389Kb / 31P
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AMD29F010B AMD-AMD29F010B Datasheet
779Kb / 34P
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B_06 Datasheet
942Kb / 36P
1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29F010B AMD-AM29F010B Datasheet
332Kb / 14P
1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
logo
SPANSION
AM29F010B SPANSION-AM29F010B_06 Datasheet
951Kb / 33P
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com