Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT29F010B Datasheet(PDF) 5 Page - Force Technologies Ltd

Part # FT29F010B
Description  1 Megabit (128 K x 8-bit) Uniform Sector Flash Memory CMOS 5.0 Volt-only
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT29F010B Datasheet(HTML) 5 Page - Force Technologies Ltd

  FT29F010B Datasheet HTML 1Page - Force Technologies Ltd FT29F010B Datasheet HTML 2Page - Force Technologies Ltd FT29F010B Datasheet HTML 3Page - Force Technologies Ltd FT29F010B Datasheet HTML 4Page - Force Technologies Ltd FT29F010B Datasheet HTML 5Page - Force Technologies Ltd FT29F010B Datasheet HTML 6Page - Force Technologies Ltd FT29F010B Datasheet HTML 7Page - Force Technologies Ltd FT29F010B Datasheet HTML 8Page - Force Technologies Ltd FT29F010B Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
10.41 (0.410)
±0.13 (0.005)
1.27 (0.050) TYP
19.05 (0.750) TYP
1.52 (0.060) TYP
0.43 (0.017)
±0.05 (0.002)
20.83 (0.820)
±0.25 (0.010)
3.35 (0.132)
MAX
1.27 (0.050) TYP
0.15 (0.006)
TYP
0°/ -4°
0.63 (0.025) TYP
+
+
13.47 (0.530)
±0.13 (0.005)
2.5 (0.100)
TYP
1.27 (0.050)
± 0.1 (0.005)
0.46 (0.018)
± 0.05 (0.002)
0.84 (0.033)
± 0.4 (0.014)
3.2 (0.125) MIN
15.04 (0.592)
± 0.3 (0.012)
0.25 (0.010)
± 0.05 (0.002)
15.25 (0.600)
± 0.25 (0.010)
42.4 (1.670) ± 0.4 (0.016)
4.34 (0.171) ± 0.79 (0.031)
PIN 1 IDENTIFIER
Rev 2
5/30
2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com