Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT29F010B Datasheet(PDF) 3 Page - Force Technologies Ltd

Part # FT29F010B
Description  1 Megabit (128 K x 8-bit) Uniform Sector Flash Memory CMOS 5.0 Volt-only
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT29F010B Datasheet(HTML) 3 Page - Force Technologies Ltd

  FT29F010B Datasheet HTML 1Page - Force Technologies Ltd FT29F010B Datasheet HTML 2Page - Force Technologies Ltd FT29F010B Datasheet HTML 3Page - Force Technologies Ltd FT29F010B Datasheet HTML 4Page - Force Technologies Ltd FT29F010B Datasheet HTML 5Page - Force Technologies Ltd FT29F010B Datasheet HTML 6Page - Force Technologies Ltd FT29F010B Datasheet HTML 7Page - Force Technologies Ltd FT29F010B Datasheet HTML 8Page - Force Technologies Ltd FT29F010B Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
PRODUCT SELECTOR GUIDE
Note: See the AC Characteristics section for full specifications.
BLOCK DIAGRAM
Family Part Number
FT29F010B
Speed Option
VCC = 5.0 V ± 10%
-90
-120
Max Access Time (ns)
90
120
CE# Access (ns)
90
120
OE# Access (ns)
35
50
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
WE#
CE#
OE#
STB
STB
DQ0
–DQ7
Data
Latch
Y-Gating
Cell Matrix
A0–A16
Rev 2
3/30
2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com