Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT6264L-35JMBLF Datasheet(PDF) 1 Page - Force Technologies Ltd

Part # FT6264L-35JMBLF
Description  ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT6264L-35JMBLF Datasheet(HTML) 1 Page - Force Technologies Ltd

  FT6264L-35JMBLF Datasheet HTML 1Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 2Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 3Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 4Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 5Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 6Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 7Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 8Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FEATURES
Full CMOS, 6T Cell
High Speed (Equal Access and Cycle Times)
– 8/10/12/15/20/25/35/70/100 ns (Commercial)
– 10/12/15/20/25/35/70/100 ns(Industrial)
– 12/15/20/25/35/45/70/100 ns (Military)
Low Power Operation
Output Enable and Dual Chip Enable Control
Functions
Single 5V±10% Power Supply
Data Retention with 2.0V Supply, 10 µA Typical
Current (FT6264L Military)
Common Data I/O
Fully TTL Compatible Inputs and Outputs
Standard Pinout (JEDEC Approved)
– 28-Pin 300 mil Plastic DIP, SOJ
– 28-Pin 600 mil Plastic DIP (70 & 100ns)
– 28-Pin 300 mil SOP (70 & 100ns)
– 28-Pin 300 mil Ceramic DIP
– 28-Pin 600 mil Ceramic DIP
– 28-Pin 350 x 550 mil LCC
– 32-Pin 450 x 550 mil LCC
– 28-Pin CERPACK
DESCRIPTION
The FT6264 is a 65,536-bit ultra high-speed static RAM
organised as 8K x 8. The CMOS memory requires no
clocks or refreshing and has equal access and cycle
times. Inputs are fully TTL-compatible. The RAM operates
from a single 5V±10% tolerance power supply. With
battery backup, data integrity is maintained with supply
voltages down to 2.0V. Current drain is typically 10 µA
from a 2.0V supply.
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATIONS
1519B
DIP (P5, P6, C5, C5-1, D5-1, D5-2),
SOJ (J5), CERPACK (F4), SOP(S6)
SEE PAGE 7 FOR LCC PIN CONFIGURATIONS
Access times as fast as 8 nanoseconds are available,
permitting greatly enhanced system operating speeds.
The FT6264 is available in 28-pin 300 mil DIP and SOJ, 28-
pin 600 mil plastic and ceramic DIP, 28-pin 350 x 550 mil
LCC, 32-pin 450 x 550 mil LCC, and 28-pin CERPACK.
The 70ns and 100ns FT6264s are available in the 600 mil
plastic DIP.
ULTRA HIGH SPEED 8K x 8
STATIC CMOS RAMS
FT6264(L)
Rev 1.8
1/17
2012


Similar Part No. - FT6264L-35JMBLF

ManufacturerPart #DatasheetDescription
logo
Fangtek Ltd.
FT6203 FANGTEK-FT6203 Datasheet
168Kb / 2P
1.25W Fully Differential Audio Power Amplifier
ft6203D FANGTEK-ft6203D Datasheet
168Kb / 2P
1.25W Fully Differential Audio Power Amplifier
ft6203M FANGTEK-ft6203M Datasheet
168Kb / 2P
1.25W Fully Differential Audio Power Amplifier
logo
List of Unclassifed Man...
FT6206GMA ETC2-FT6206GMA Datasheet
736Kb / 27P
Self-Capacitive Touch Panel Controller
FT6236 ETC1-FT6236 Datasheet
93Kb / 2P
Low Density Polyethylene
More results

Similar Description - FT6264L-35JMBLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C116 PYRAMID-P4C116 Datasheet
239Kb / 14P
ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
logo
Force Technologies Ltd
FT6163 FORCE-FT6163 Datasheet
932Kb / 13P
Ultra High Speed 8K x 9 Static Cmos Rams
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com