Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT6264L-35JMBLF Datasheet(PDF) 14 Page - Force Technologies Ltd

Part # FT6264L-35JMBLF
Description  ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT6264L-35JMBLF Datasheet(HTML) 14 Page - Force Technologies Ltd

Back Button FT6264L-35JMBLF Datasheet HTML 9Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 10Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 11Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 12Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 13Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 14Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 15Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 16Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 17Page - Force Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Pkg #
# Pins
Symbol
Min
Max
A
0.090
0.200
A1
0.000
0.070
b
0.014
0.020
b2
0.015
0.065
C
0.008
0.012
D
1.380
1.480
E1
0.485
0.550
E
0.600
0.625
e
eB
L
0.100
0.200
0°
15°
P6
28 (600 mil)
0.100 BSC
0.600 TYP
PLASTIC DUAL IN-LINE PACKAGE (600 mils)
α
Pkg #
# Pins
Symbol
Min
Max
A-
0.210
A1
-
b
0.014
0.023
b2
0.045
0.070
C
0.008
0.014
D
1.345
1.400
E1
0.270
0.300
E
0.300
0.380
e
eB
-
0.430
L
0.115
0.150
0°
15°
0.100 BSC
P5
28 (300 mil)
α
PLASTIC DUAL IN-LINE PACKAGE (300 mils)
Rev 1.8
14/17
2012
MSL Level: 3
MSL Level: 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com