Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT6264L-35JMBLF Datasheet(PDF) 5 Page - Force Technologies Ltd

Part # FT6264L-35JMBLF
Description  ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT6264L-35JMBLF Datasheet(HTML) 5 Page - Force Technologies Ltd

  FT6264L-35JMBLF Datasheet HTML 1Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 2Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 3Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 4Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 5Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 6Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 7Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 8Page - Force Technologies Ltd FT6264L-35JMBLF Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TIMING WAVERFORM OF READ CYCLE NO. 2 (ADDRESS CONTROLLED)(5,6)
TIMING WAVEFORM OF READ CYCLE NO. 3 (
CE
CE
CE
CE
CE
1, CE2 CONTROLLED)
(5,7,10)
Notes:
9. READ Cycle Time is measured from the last valid address to the first
transitioning address.
10. Transitions caused by a chip enable control have similar delays
irrespective of whether CE
1 or CE 2 causes them.
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max
tWC
Write
C
ycle
T
ime 8
10
1215
2025
354570
100
ns
tCW
Chip Enable
Time to End of
Write
6
7
8
12
15
18
25
33
50
70
ns
tAW
Address Valid to
End of Write
7
8
10
12
15
18
25
33
50
70
ns
tAS
Address Set-up
Time
000
00
00
00
0
ns
tWP
Write Pulse
Width
7
8
9
12
15
18
20
25
40
50
ns
tAH
Address Hold
Time
000
00
00
00
0
ns
tDW
Data Valid to
End of Write
6
7
8
9
1113
15203040
ns
tDH
Date
H
old
T
ime
000
00
00
00
0
ns
tWZ
Write Enable to
Output in High Z
67
77
8
10
14
18
30
40 ns
tOW
Output Active
from End of
Write
333
33
33
33
3
ns
Symbol
Parameter
-8
-10
-12
-15
-20
-25
Unit
-35
-45
-70
-100
Rev 1.8
5/17
2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com