Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM2133B Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATSAM2133B
Description  Low-power Synthesizer with Effects and Built-in RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2133B Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATSAM2133B Datasheet HTML 6Page - ATMEL Corporation ATSAM2133B Datasheet HTML 7Page - ATMEL Corporation ATSAM2133B Datasheet HTML 8Page - ATMEL Corporation ATSAM2133B Datasheet HTML 9Page - ATMEL Corporation ATSAM2133B Datasheet HTML 10Page - ATMEL Corporation ATSAM2133B Datasheet HTML 11Page - ATMEL Corporation ATSAM2133B Datasheet HTML 12Page - ATMEL Corporation ATSAM2133B Datasheet HTML 13Page - ATMEL Corporation ATSAM2133B Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
ATSAM2133B
2694A–DRMSD–05/03
Table 4. Pinout by Pin Number - 100-ball LFBGA Package
Pin Number
Signal Name
Pin Number
Signal Name
Pin Number
Signal Name
Pin Number
Signal Name
A1
MIDI IN
C6
VC2
F1
D7
H6
VC2
A2
DAAD
C7
GND
F2
D6
H7
VC3
A3
GND
C8WD12
F3
D4H8
WA17
A4
DABD0
C9
WD10
F4
D3
H9
WOE
A5
DBCLK
C10
WD11
F5
D5
H10
WA22
A6
LFT
D1
D1
F6
WA10
J1
TEST
A7
X2
D2
RD
F7
GND
J2
WA0
A8
PWRIN
D3
A0
F8
WD0
J3
WA5
A9
GND
D4
DBDATA
F9
WD3
J4
WA4
A10
WD15
D5
GND
F10
WD2
J5
GND
B1
IRQ
D6
X1
G1
P0
J6
WA11
B2
MIDI OUT
D7
WD8
G2
VC3
J7
WA14
B3
WSBD
D8
VC3
G3
P1
J8
GND
B4
DABD1
D9
WD9
G4
GND
J9
WA19
B5
DBACK
D10
GND
G5
GND
J10
WA21
B6
VC2
E1
GND
G6
WA8
K1
WA1
B7
PWROUT
E2
VC2
G7
WA13
K2
WA2
B8
PDWN
E3
D2
G8
WWE
K3
WA3
B9
WD14
E4
D0
G9
WCS
K4
WA6
B10
WD13
E5
CKOUT
G10
VC3
K5
WA9
C1
CS
E6
WD5
H1
P3
K6
WA12
C2
WR
E7
WD1
H2
P2
K7
WA15
C3
VC3
E8
WD4
H3
RESET
K8
WA16
C4
CLBD
E9
WD6
H4
VC3
K9
WA18
C5
VC2
E10
WD7
H5
WA7
K10
WA20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com