Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM2133B Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATSAM2133B
Description  Low-power Synthesizer with Effects and Built-in RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2133B Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATSAM2133B Datasheet HTML 7Page - ATMEL Corporation ATSAM2133B Datasheet HTML 8Page - ATMEL Corporation ATSAM2133B Datasheet HTML 9Page - ATMEL Corporation ATSAM2133B Datasheet HTML 10Page - ATMEL Corporation ATSAM2133B Datasheet HTML 11Page - ATMEL Corporation ATSAM2133B Datasheet HTML 12Page - ATMEL Corporation ATSAM2133B Datasheet HTML 13Page - ATMEL Corporation ATSAM2133B Datasheet HTML 14Page - ATMEL Corporation ATSAM2133B Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
ATSAM2133B
2694A–DRMSD–05/03
Absolute Maximum Ratings
Recommended Operating Conditions
DC Characteristics
Table 5. Absolute Maximum Ratings
Ambient Temperature (Power applied)........... -40°C to + 85°C
*NOTICE:
Stresses beyond those listed under “Abso-
lute Maximum Ratings” may cause perma-
nent damage to the device. This is a stress
rating only and functional operation of the
device at these or any other conditions
beyond those indicated in the operational
sections of this specification is not implied.
Exposure to absolute maximum rating con-
ditions for extended periods may affect
device reliability.
Storage Temperature .................................... -65°C to + 150°C
Voltage on Input Pins ................................. -0.5V to V
C3 + 0.3V
(except X1 and PDWN)
Voltage on X1 and PDWN Pins.................. -0.5V to V
C2 + 0.3V
V
C2 Supply Voltage ............................................. .-0.5V to + 3V
V
C3 Supply Voltage ...........................................-0.5V to + 4.5V
Maximum IOL per I/O pin................................................. 4 mA
Maximum Input Current per Input Pin.............................. 4 mA
Maximum Output Current from PWROUT Pin ............. 525 mA
(max duration = 1 sec)
Table 6. Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
V
C2
Supply voltage
2.25
2.5
2.75
V
V
C3
Supply voltage
V
C2
3.3
3.6
V
PWRIN
Power supply
2.25
2.5
2.95
V
I
PWROUT
Power switch output current
-
-
175
mA
t
A
Operating ambient temperature
0
-
70
°C
Table 7. DC Characteristics (t
A = 25°C, VC2 = 2.5V ± 10%, VC3 = 3.3V ± 10%)
Symbol
Parameter
Min
Typ
Max
Unit
V
IL
Low-level input voltage (Except X1, PDWN)
-0.3
-
1.0
V
V
IH
High-level input voltage (Except X1, PDWN)2.3
-
V
C3+0.3
V
V
IL
Low-level input voltage for X1, PDWN
-0.3
-
0.6
V
V
IH
High-level input voltage for X1, PDWN
2-
V
C2+0.3
V
V
OL
Low-level output voltage I
OL = -2mA
-
-
0.4
V
V
OH
High-level output voltage I
OH = 2mA
2.9
-
-
V
Power consumption (crystal frequency =11.2896 MHz)
-
90
mW
Power down supply current (using power switch)
1
5
µA
Drop down from PWRIN to PWROUT (at I
PWROUT = 100 mA)
-
0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com