Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM2133B Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATSAM2133B
Description  Low-power Synthesizer with Effects and Built-in RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2133B Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATSAM2133B Datasheet HTML 12Page - ATMEL Corporation ATSAM2133B Datasheet HTML 13Page - ATMEL Corporation ATSAM2133B Datasheet HTML 14Page - ATMEL Corporation ATSAM2133B Datasheet HTML 15Page - ATMEL Corporation ATSAM2133B Datasheet HTML 16Page - ATMEL Corporation ATSAM2133B Datasheet HTML 17Page - ATMEL Corporation ATSAM2133B Datasheet HTML 18Page - ATMEL Corporation ATSAM2133B Datasheet HTML 19Page - ATMEL Corporation ATSAM2133B Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
ATSAM2133B
2694A–DRMSD–05/03
Digital Audio
Figure 8. Digital Audio
Figure 9. Digital Audio Frame Format
Notes:
1. Selection between I2S and Japanese format is a firmware option.
2. DAAD is 16 bits only.
Table 12. Digital Audio Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
t
CW
CLBD rising to WSBD change
8 * t
CK - 10
ns
t
SOD
DABD valid prior/after CLBD rising
8 * t
CK - 10
ns
t
CLBD
CLBD cycle time
16 * t
CK
ns
tCW
WSBD
tCW
tCLBD
tSOD
tSOD
CLBD
DABD0
DABD1
DAAD
WSBD
(I2S)
DABD0
DABD1
DAAD
WSBD
(Japanese)
CLBD
MSB
LSB
16 bits
LSB
18 bits
LSB
20 bits
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com