Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46C47 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT46C47
Description  A/D Type 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C47 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT46C47 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
HT46R47/HT46C47
Rev. 1.30
16
May 3, 2004
A/D Converter
The 4 channels and 9-bit resolution A/D (8-bit accuracy)
converter are implemented in this microcontroller. The
reference voltage is VDD. The A/D converter contains 4
special registers which are; ADRL (20H), ADRH (21H),
ADCR (22H) and ACSR (23H). The ADRH and ADRL
are A/D result register higher-order byte and
lower-order byte and are read-only. After the A/D con-
version is completed, the ADRH and ADRL should be
read to get the conversion result data. The ADCR is an
A/D converter control register, which defines the A/D
channel number, analog channel select, start A/D con-
version control bit and the end of A/D conversion flag. If
the users want to start an A/D conversion, define PB
configuration, select the converted analog channel, and
give START bit a raising edge and a falling edge
(0
®1®0). At the end of A/D conversion, the EOCB bit is
cleared and an A/D converter interrupt occurs (if the A/D
converter interrupt is enabled). The ACSR is A/D clock
setting register, which is used to select the A/D clock
source.
The A/D converter control register is used to control the
A/D converter. The bit2~bit0 of the ADCR are used to
select an analog input channel. There are a total of four
channels to select. The bit5~bit3 of the ADCR are used
to set PB configurations. PB can be an analog input or
as digital I/O line decided by these 3 bits. Once a PB line
is selected as an analog input, the I/O functions and
pull-high resistor of this I/O line are disabled, and the
A/D converter circuit is power on. The EOCB bit (bit6 of
the ADCR) is end of A/D conversion flag. Check this bit
to know when A/D conversion is completed. The START
bit of the ADCR is used to begin the conversion of A/D
converter. Give START bit a raising edge and falling
edge that means the A/D conversion has started. In or-
der to ensure the A/D conversion is completed, the
START should stay at
²0² until the EOCB is cleared to
²0² (end of A/D conversion).
The bit 7 of the ACSR is used for testing purpose only. It
can not be used for the users. The bit1 and bit0 of the
ACSR are used to select A/D clock sources.
When the A/D conversion is completed, the A/D inter-
rupt request flag is set. The EOCB bit is set to
²1² when
the START bit is set from
²0² to ²1².
Register Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
ADRL
D0
¾¾¾¾¾¾¾
ADRH
D8
D7
D6
D5
D4
D3
D2
D1
Note:
D0~D8 is A/D conversion result data bit
LSB~MSB.
Label (ADCR)
Bits
Function
ACS0
ACS1
ACS2
0
1
2
ACS2, ACS1, ACS0: Select A/D channel
0, 0, 0: AN0
0, 0, 1: AN1
0, 1, 0: AN2
0, 1, 1: AN3
1, X, X: undefined, cannot be used
PCR0
PCR1
PCR2
3
4
5
PCR2, PCR1, PCR0: PB3~PB0 configurations
0, 0, 0: PB3 PB2 PB1 PB0 (The ADC circuit is power off to reduce power consumption.)
0, 0, 1: PB3 PB2 PB1 AN0
0, 1, 0: PB3 PB2 AN1 AN0
0, 1, 1: PB3 AN2 AN1 AN0
1, x, x: AN3 AN2 AN1 AN0
EOCB
6
End of A/D conversion flag.
(0: end of A/D conversion)
START
7
Start the A/D conversion
0
®1®0= Start
0
®1= Reset A/D converter and set EOCB to ²1²
ADCR Register
Label (ACSR)
Bits
Function
ADCS0
ADCS1
0
1
Select the A/D converter clock source.
0, 0: fSYS/2
0, 1: fSYS/8
1, 0: fSYS/32
1, 1: Undefined, cannot be used.
¾
2~6
Unused bit, read as
²0².
TEST
7
For internal test only.
ACSR Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com