Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46C47 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT46C47
Description  A/D Type 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C47 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT46C47 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 39Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
Product Tape and Reel Specifications
Reel Dimensions
SOP 18W
Symbol
Description
Dimensions in mm
A
Reel Outer Diameter
330
±1.0
B
Reel Inner Diameter
62
±1.5
C
Spindle Hole Diameter
13.0+0.5
-0.2
D
Key Slit Width
2.0
±0.5
T1
Space Between Flange
24.8+0.3
-0.2
T2
Reel Thickness
30.2
±0.2
HT46R47/HT46C47
Rev. 1.30
37
May 3, 2004
A
C
B
T 1
T 2
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com