Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34F04 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M34F04
Description  4Kbit Serial I2C Bus EEPROM With Hardware Write Control on Top Half of Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34F04 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M34F04 Datasheet HTML 12Page - STMicroelectronics M34F04 Datasheet HTML 13Page - STMicroelectronics M34F04 Datasheet HTML 14Page - STMicroelectronics M34F04 Datasheet HTML 15Page - STMicroelectronics M34F04 Datasheet HTML 16Page - STMicroelectronics M34F04 Datasheet HTML 17Page - STMicroelectronics M34F04 Datasheet HTML 18Page - STMicroelectronics M34F04 Datasheet HTML 19Page - STMicroelectronics M34F04 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
M34F04
18/20
PART NUMBERING
Table 11. Ordering Information Scheme
For a list of available options (speed, package,
etc.) or for further information on any aspect of this
device, please contact your nearest ST Sales Of-
fice.
Example:
M34F04
–
W MN
6
T
P
Device Type
M34 = I2C serial access EEPROM (ASSP)
Device Function
04 = 4 Kbit (512 x 8)
Operating Voltage
W = VCC = 2.5 to 5.5V (400kHz)
Package
MN = SO8 (150 mil width)
Temperature Range
6 = –40 to 85 °C
Option
T = Tape & Reel Packing
Plating Technology2
blank = Standard SnPb plating
P = Pb-free plating
G = Green pack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com