Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2111IPW Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2111IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2111IPW Datasheet(HTML) 22 Page - Texas Instruments

Back Button MSP430F2111IPW Datasheet HTML 18Page - Texas Instruments MSP430F2111IPW Datasheet HTML 19Page - Texas Instruments MSP430F2111IPW Datasheet HTML 20Page - Texas Instruments MSP430F2111IPW Datasheet HTML 21Page - Texas Instruments MSP430F2111IPW Datasheet HTML 22Page - Texas Instruments MSP430F2111IPW Datasheet HTML 23Page - Texas Instruments MSP430F2111IPW Datasheet HTML 24Page - Texas Instruments MSP430F2111IPW Datasheet HTML 25Page - Texas Instruments MSP430F2111IPW Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
MSP430x21x1
MIXED SIGNAL MICROCONTROLLER
SLAS439C − SEPTEMBER 2004 − REVISED JULY 2006
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
calibrated DCO frequencies − tolerance at calibration
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
Frequency tolerance at calibration
25
°C
3 V
−1
±0.2
+1
%
fCAL(1MHz) 1MHz calibration value
BCSCTL1= CALBC1_1MHZ
DCOCTL = CALDCO_1MHZ
Gating time: 5ms
25
°C
3 V
0.990
1
1.010
MHz
fCAL(8MHz) 8MHz calibration value
BCSCTL1= CALBC1_8MHZ
DCOCTL = CALDCO_8MHZ
Gating time: 5ms
25
°C
3 V
7.920
8
8.080
MHz
fCAL(12MHz) 12MHz calibration value
BCSCTL1= CALBC1_12MHZ
DCOCTL = CALDCO_12MHZ
Gating time: 5ms
25
°C
3 V
11.88
12
12.12
MHz
fCAL(16MHz) 16MHz calibration value
BCSCTL1= CALBC1_16MHZ
DCOCTL = CALDCO_16MHZ
Gating time: 2ms
25
°C
3 V
15.84
16
16.16
MHz
calibrated DCO frequencies − tolerance over temperature 0
°C − +85°C
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
1 MHz tolerance over temperature
0−85
°C
3.0 V
−2.5
±0.5
+2.5
%
8 MHz tolerance over temperature
0−85
°C
3.0 V
−2.5
±1.0
+2.5
%
12 MHz tolerance over temperature
0−85
°C
3.0 V
−2.5
±1.0
+2.5
%
16 MHz tolerance over temperature
0−85
°C
3.0 V
−3.0
±2.0
+3.0
%
BCSCTL1= CALBC1_1MHZ
2.2 V
0.970
1
1.030
MHz
fCAL(1MHz) 1MHz calibration value
BCSCTL1= CALBC1_1MHZ
DCOCTL = CALDCO_1MHZ
Gating time: 5ms
0−85
°C
3.0 V
0.975
1
1.025
MHz
fCAL(1MHz) 1MHz calibration value
DCOCTL = CALDCO_1MHZ
Gating time: 5ms
0−85 C
3.6 V
0.970
1
1.030
MHz
BCSCTL1= CALBC1_8MHZ
2.2 V
7.760
8
8.400
MHz
fCAL(8MHz) 8MHz calibration value
BCSCTL1= CALBC1_8MHZ
DCOCTL = CALDCO_8MHZ
Gating time: 5ms
0−85
°C
3.0 V
7.800
8
8.200
MHz
fCAL(8MHz) 8MHz calibration value
DCOCTL = CALDCO_8MHZ
Gating time: 5ms
0−85 C
3.6 V
7.600
8
8.240
MHz
BCSCTL1= CALBC1_12MHZ
2.2 V
11.70
12
12.30
MHz
fCAL(12MHz) 12MHz calibration value
BCSCTL1= CALBC1_12MHZ
DCOCTL = CALDCO_12MHZ
Gating time: 5ms
0−85
°C
3.0 V
11.70
12
12.30
MHz
fCAL(12MHz) 12MHz calibration value
DCOCTL = CALDCO_12MHZ
Gating time: 5ms
0−85 C
3.6 V
11.70
12
12.30
MHz
fCAL(16MHz) 16MHz calibration value
BCSCTL1= CALBC1_16MHZ
DCOCTL = CALDCO_16MHZ
0−85
°C
3.0 V
15.52
16
16.48
MHz
fCAL(16MHz) 16MHz calibration value
DCOCTL = CALDCO_16MHZ
Gating time: 2ms
0−85
°C
3.6 V
15.00
16
16.48
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com