Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2111IPW Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2111IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2111IPW Datasheet(HTML) 27 Page - Texas Instruments

Back Button MSP430F2111IPW Datasheet HTML 23Page - Texas Instruments MSP430F2111IPW Datasheet HTML 24Page - Texas Instruments MSP430F2111IPW Datasheet HTML 25Page - Texas Instruments MSP430F2111IPW Datasheet HTML 26Page - Texas Instruments MSP430F2111IPW Datasheet HTML 27Page - Texas Instruments MSP430F2111IPW Datasheet HTML 28Page - Texas Instruments MSP430F2111IPW Datasheet HTML 29Page - Texas Instruments MSP430F2111IPW Datasheet HTML 30Page - Texas Instruments MSP430F2111IPW Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
MSP430x21x1
MIXED SIGNAL MICROCONTROLLER
SLAS439C − SEPTEMBER 2004 − REVISED JULY 2006
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
crystal oscillator, LFXT1, high frequency modes (see Note 5)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fLFXT1,HF0
LFXT1 oscillator crystal frequency,
HF mode 0
XTS = 1, LFXT1Sx = 0
1.8 V − 3.6 V
0.4
1
MHz
fLFXT1,HF1
LFXT1 oscillator crystal frequency,
HF mode 1
XTS = 1, LFXT1Sx = 1
1.8 V − 3.6 V
1
4
MHz
LFXT1 oscillator crystal frequency,
1.8 V − 3.6 V
2
10
MHz
fLFXT1,HF2
LFXT1 oscillator crystal frequency,
HF mode 2
XTS = 1, LFXT1Sx = 2
2.2 V − 3.6 V
2
12
MHz
fLFXT1,HF2
HF mode 2
XTS = 1, LFXT1Sx = 2
3.0 V − 3.6 V
2
16
MHz
LFXT1 oscillator logic level square
1.8 V − 3.6 V
0.4
10
MHz
fLFXT1,HF,logic
LFXT1 oscillator logic level square
wave input frequency,
HF mode
XTS = 1, LFXT1Sx = 3
2.2 V − 3.6 V
0.4
12
MHz
fLFXT1,HF,logic wave input frequency,
HF mode
XTS = 1, LFXT1Sx = 3
3.0 V − 3.6 V
0.4
16
MHz
XTS = 0, LFXT1Sx = 0,
fLFXT1,HF = 1 MHz,
CL,eff = 15 pF
2700
W
OAHF
Oscillation Allowance for HF
crystals
(refer to Figure 14 and Figure 15)
XTS = 0, LFXT1Sx = 1
fLFXT1,HF = 4 MHz,
CL,eff = 15 pF
800
W
(refer to Figure 14 and Figure 15)
XTS = 0, LFXT1Sx = 2
fLFXT1,HF = 16 MHz,
CL,eff = 15 pF
300
W
CL,eff
Integrated effective Load
Capacitance, HF mode
(see Note 1)
XTS = 1 (see Note 2)
1
pF
Duty Cycle
HF mode
XTS = 1, Measured at P1.4/ACLK,
fLFXT1,HF = 10 MHz
2.2 V/3 V
40
50
60
%
Duty Cycle
HF mode
XTS = 1, Measured at P1.4/ACLK,
fLFXT1,HF = 16 MHz
2.2 V/3 V
40
50
60
%
fFault,HF
Oscillator fault frequency, HF mode
(see Note 4)
XTS = 1, LFXT1Sx = 3
(see Notes 3)
2.2 V/3 V
30
300
kHz
NOTES:
1. Includes parasitic bond and package capacitance (approximately 2pF per pin).
Since the PCB adds additional capacitance it is recommended to verify the correct load by measuring the ACLK frequency. For a
correct setup the effective load capacitance should always match the specification of the used crystal.
2. Requires external capacitors at both terminals. Values are specified by crystal manufacturers.
3. Measured with logic level input frequency but also applies to operation with crystals.
4. Frequencies below the MIN specification will set the fault flag, frequencies above the MAX specification will not set the fault flag.
Frequencies in between might set the flag.
5. To improve EMI on the LFXT1 oscillator the following guidelines should be observed.
− Keep as short of a trace as possible between the device and the crystal.
− Design a good ground plane around the oscillator pins.
− Prevent crosstalk from other clock or data lines into oscillator pins XIN and XOUT.
− Avoid running PCB traces underneath or adjacent to the XIN and XOUT pins.
− Use assembly materials and praxis to avoid any parasitic load on the oscillator XIN and XOUT pins.
− If conformal coating is used, ensure that it does not induce capacitive/resistive leakage between the oscillator pins.
− Do not route the XOUT line to the JTAG header to support the serial programming adapter as shown in other
documentation. This signal is no longer required for the serial programming adapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com