Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM4567 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM4567
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM4567 Datasheet HTML 4Page - Analog Devices SSM4567 Datasheet HTML 5Page - Analog Devices SSM4567 Datasheet HTML 6Page - Analog Devices SSM4567 Datasheet HTML 7Page - Analog Devices SSM4567 Datasheet HTML 8Page - Analog Devices SSM4567 Datasheet HTML 9Page - Analog Devices SSM4567 Datasheet HTML 10Page - Analog Devices SSM4567 Datasheet HTML 11Page - Analog Devices SSM4567 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
SSM4567
Data Sheet
Rev. 0| Page 8 of 52
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
IOVDD
I/O and Digital Power
A2
AGND
Analog Ground
A3
PGND
Power Amplifier Ground
A4
BSTSW
Boost Switch
B1
LR_SEL/ADDR
Left or Right Selection for PDM Input/I2C Address
B2
SEL
PDM or I2S/TDM Interface Mode Select
B3
SNS_PDM_CLK/FSYNC
PDM Output Clock for Sense Data in PDM Mode/Frame Synchronization Clock in I2S/TDM Mode
B4
BSTSW
Boost Switch
C1
DAC_PDM_CLK/BCLK
PDM Input Clock in PDM Mode/Bit Clock in I2S/TDM Mode
C2
SNS_PDM_DAT/SNS_SDATAO
Sense Data Output for PDM Mode/Sense Data Output for I2S/TDM Mode
C3
VBST
Boost Converter Output
C4
VBST
Boost Converter Output
D1
DAC_PDM_DAT/DAC_SDATAI
PDM Data Input for DAC in PDM Mode/Serial Data Input for DAC in I2S/TDM Mode
D3
PGND
Power Amplifier Ground
D4
OUTN
Inverting Class-D Amplifier Output
E1
SCL
I2C Clock Signal
E2
OUTP
Noninverting Class-D Amplifier Output
E3
VBAT
External Battery Power Supply
E4
SDA
I2C Data Signal
BALL A1
INDICATOR
AGND
LR_SEL/
ADDR
VBST
PGND
PGND
SNS_PDM_CLK/
FSYNC
BSTSW
SEL
VBST
SNS_PDM_DAT/
SNS_SDATAO
IOVDD
VBAT
SDA
DAC_PDM_D AT/
DAC_SDATAI
DAC_PDM_CLK/
BCLK
SCL
OUTP
OUTN
BSTSW
1
2
3
4
A
B
C
D
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com