Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM4567 Datasheet(PDF) 28 Page - Analog Devices

Part # SSM4567
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567 Datasheet(HTML) 28 Page - Analog Devices

Back Button SSM4567 Datasheet HTML 24Page - Analog Devices SSM4567 Datasheet HTML 25Page - Analog Devices SSM4567 Datasheet HTML 26Page - Analog Devices SSM4567 Datasheet HTML 27Page - Analog Devices SSM4567 Datasheet HTML 28Page - Analog Devices SSM4567 Datasheet HTML 29Page - Analog Devices SSM4567 Datasheet HTML 30Page - Analog Devices SSM4567 Datasheet HTML 31Page - Analog Devices SSM4567 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
SSM4567
Data Sheet
Rev. 0| Page 28 of 52
TYPICAL APPLICATION CIRCUITS
SOFTWARE CONTROL MODE, I2S/TDM INTERFACE
Figure 54. Typical Application Circuit, I2S, Software Control Mode
Description
In this application circuit, the SSM4567 is controlled by an external master on the I2C interface. The I2C address is configured using the
LR_SEL/ADDR pin. The serial data interface is in PCM mode, as configured by the SEL pin.
Pin Configuration
Table 21. Pin Configuration for I2S Software Control Applications, Software Control Mode, I2S/TDM Interface
Hardware Pin
Connection
LR_SEL/ADDR
Connect to AGND for I2C Address 0x34; IOVDD for I2C Address 0x35; leave open for I2C Address 0x36.
SEL
Connect to IOVDD for PCM mode.
SNS_PDM_CLK/FSYNC
Connect to an external I2S/TDM frame sync clock signal.
DAC_PDM_CLK/BCLK
Connect to an external I2S/TDM bit clock signal.
SNS_PDM_DAT/SNS_SDATAO
Sends current, voltage, and battery sense data in I2S/TDM format to an external IC.
DAC_PDM_DAT/DAC_SDATAI
Receives a serial audio data signal in I2S/TDM format from an external IC.
SCL
Connect to the clock signal of an external I2C master IC.
SDA
Connect to data signal of an external I2C master IC.
I2S/TDM/
PDM
INTERFACE
H-BRIDGE
(5V)
V
SENSE
R
I
SENSE
Σ-Δ
CLASS-D
MOD
FILTERING
MODULATION
BOOST (5V)
OUTP
OUTN
22µF
10µF
1µF
2.2µH
VBAT
AGND
IOVDD
SSM4567
DAC_PDM_CLK/
BCLK
LR_SEL/
ADDR
SEL
BSTSW
IOVDD
BSTSW
VBST
VBST
PGND
SNS_PDM_CLK/
FSYNC
SNS_PDM_DAT/
SNS_SDATAO
DAC_PDM_DAT/
DAC_SDATAI
SCL
SDA
DAC
ADC
ADC
VBAT
0.1µF
IOVDD
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com