Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM4567 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM4567
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567 Datasheet(HTML) 1 Page - Analog Devices

  SSM4567 Datasheet HTML 1Page - Analog Devices SSM4567 Datasheet HTML 2Page - Analog Devices SSM4567 Datasheet HTML 3Page - Analog Devices SSM4567 Datasheet HTML 4Page - Analog Devices SSM4567 Datasheet HTML 5Page - Analog Devices SSM4567 Datasheet HTML 6Page - Analog Devices SSM4567 Datasheet HTML 7Page - Analog Devices SSM4567 Datasheet HTML 8Page - Analog Devices SSM4567 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Digital 2.5 W, 5.1 V, Boost Class-D Audio
Amplifier with Output Sensing
Data Sheet
SSM4567
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Filterless Class-D amplifier with spread-spectrum Σ-Δ
modulation with integrated boost regulator (5.1 V)
Digitized output of output voltage, output current, and VBAT
supply voltage
Integrated boost regulator
Multiple serial data formats
PDM input/output
TDM slave with support for up to 8 chips on a single bus
I2S or left justified slave
Multichip I2S with support for up to 4 chips on one I2S bus
8 kHz to 192 kHz PCM sample rates
2.048 to 6.14 MHz PDM input sample rates
Configurable via I2C control, TDM control, or PDM patterns
Standalone control modes
2.5 W into 4 Ω load and 1.42 W into 8 Ω load at 3.6 V supply
with <1% total harmonic distortion plus noise (THD + N)
Available in 19-ball, 1.74 mm × 2.1 mm, 0.4 mm pitch WLCSP
89.7% system efficiency into 8 Ω at 1 W, VBAT = 3.6 V
Output noise: 21.7 μV rms, A-weighted
THD + N: 0.025% at 1 kHz, 500 mW output power
PSSR: 90 dB at 217 Hz, with dither input
72 dB signal-to-noise ratio (SNR) on output current sensing
and 77 dB SNR on voltage sensing
Quiescent power consumption: 19.8 mW
Pop-and-click suppression
Flexible battery monitoring AGC
Short-circuit protection for boost and Class-D outputs and
thermal protection with automatic recovery
Smart power-down when PDM stop condition
or no clock input detected
DC blocking high-pass filter and static input DC protection
for PDM input
Selectable ultralow EMI emissions and low latency modes
APPLICATIONS
Mobile handsets
Tablets
Portable media players
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
I2S/TDM/
PDM
INTERFACE
H-BRIDGE
(5V)
V
SENSE
R
I
SENSE
Σ-∆
CLASS-D
MOD
FILTERING
MODULATION
BOOST (5V)
VBAT
PGND
OUTP
OUTN
AGND
IOVDD
SSM4567
DAC_PDM_DAT/
DAC_SDATAI
LR_SEL/
ADDR
SEL
BSTSW
BSTSW
VBST VBST
SCL
SDA
DAC_PDM_CLK/
BCLK
SNS_PDM_DAT/
SNS_SDATAO
SNS_PDM_CLK/
FSYNC
DAC
ADC
ADC


Similar Part No. - SSM4567

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM4565GM SSC-SSM4565GM Datasheet
452Kb / 8P
COMPLEMENTARY N- AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
VBsemi Electronics Co.,...
SSM4565GM VBSEMI-SSM4565GM Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
logo
Silicon Standard Corp.
SSM4565M SSC-SSM4565M Datasheet
452Kb / 8P
COMPLEMENTARY N- AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
VBsemi Electronics Co.,...
SSM4565M VBSEMI-SSM4565M Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
More results

Similar Description - SSM4567

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1 Datasheet
874Kb / 28P
2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_1 Datasheet
1,021Kb / 30P
2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1 TI-TPA2014D1 Datasheet
658Kb / 22P
1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1_0806 TI-TPA2014D1_0806 Datasheet
1Mb / 27P
1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
logo
Analog Devices
SSM3525 AD-SSM3525 Datasheet
934Kb / 60P
30 W, Filterless, Class D, Output Sensing Audio Amplifier
5/2018-Rev. 0 to Rev. A
logo
Texas Instruments
TAS2110 TI1-TAS2110 Datasheet
1Mb / 101P
TAS2110 6.1-W Digital Input Audio Class-D Amplifier With Integrated 11-V Class-H Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com