Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8770 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8770
Description  17V, 8A, 700kHz, High-Efficiency, Synchronous, Step-Down
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8770 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8770 Datasheet HTML 8Page - Monolithic Power Systems MP8770 Datasheet HTML 9Page - Monolithic Power Systems MP8770 Datasheet HTML 10Page - Monolithic Power Systems MP8770 Datasheet HTML 11Page - Monolithic Power Systems MP8770 Datasheet HTML 12Page - Monolithic Power Systems MP8770 Datasheet HTML 13Page - Monolithic Power Systems MP8770 Datasheet HTML 14Page - Monolithic Power Systems MP8770 Datasheet HTML 15Page - Monolithic Power Systems MP8770 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
MP8770
– 17V, 8A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8770 Rev. 1.0
www.MonolithicPower.com
12
1/4/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1, 15
NC
No connection. NC must be left floating.
2
BST
Bootstrap. A capacitor connected between SW and BS is required to form a floating supply
across the high-side switch driver. A
BST resistor less than 4.7Ω is recommended.
3
EN
Enable. Pull EN high to enable the MP8770. When floating, EN is pulled down to GND and
disabled by an internal 3.3
MΩ resistor.
4
FB
Feedback. FB sets the output voltage when connected to the tap of an external resistor
divider connected between the output and GND.
5
AGND
Signal ground. AGND is not connected to the system ground internally. Ensure that AGND
is connected to the system ground in the PCB layout.
6
SS
Soft start. Connect a capacitor across SS and GND to set the soft-start time to avoid inrush
current at start-up.
7
PG
Power good output. The output of PG is an open-drain output. PG changes state if UVP,
OCP, OTP, or OV occurs.
8
VIN
Supply voltage. The MP8770 operates from a 4.5 - 17V input rail. A capacitor (C1) is needed
to decouple the input rail. Use a wide PCB trace to make the connection.
9 - 13
PGND
System ground. PGND is the reference ground of the regulated output voltage. PGND
requires careful consideration during the PCB layout. PGND is recommended to be
connected to GND with coppers and vias.
14
VCC
Internal bias supply output. Decouple VCC with a 1µF capacitor. Place the VCC capacitor
close to VCC and GND.
16
SW
Switch output. Connect SW with a wide PCB trace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com