Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8771 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP8771
Description  17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8771 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP8771 Datasheet HTML 11Page - Monolithic Power Systems MP8771 Datasheet HTML 12Page - Monolithic Power Systems MP8771 Datasheet HTML 13Page - Monolithic Power Systems MP8771 Datasheet HTML 14Page - Monolithic Power Systems MP8771 Datasheet HTML 15Page - Monolithic Power Systems MP8771 Datasheet HTML 16Page - Monolithic Power Systems MP8771 Datasheet HTML 17Page - Monolithic Power Systems MP8771 Datasheet HTML 18Page - Monolithic Power Systems MP8771 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
MP8771
– 17V, 10A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8771 Rev. 1.0
www.MonolithicPower.com
15
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Light-load operation is also called skip mode
because the HS-FET does not turn on as
frequently
as
it
does
during
heavy-load
conditions. The HS-FET turn-on frequency is a
function of the output current. As the output
current
increases,
the
current
modulator
regulation time period becomes shorter, and the
HS-FET turns on more frequently. The switching
frequency increases in turn. The output current
reaches the critical level when the current
modulator time is zero and can be determined
with Equation (1):
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2 L F
V

 
(1)
The device reverts to PWM mode once the
output
current
exceeds
the
critical
level.
Afterward, the switching frequency remains fairly
constant over the output current range.
VCC Regulator
The 3.5V internal regulator powers most of the
internal circuitries. This regulator takes the VIN
input and operates in the full VIN range. When VIN
exceeds 3.5V, the output of the regulator is in full
regulation. When VIN falls below 3.5V, the output
of the regulator decreases following VIN. A 1μF
decoupling ceramic capacitor is needed at VCC.
Enable (EN)
EN is a digital control pin that turns the regulator
on and off. Drive EN above 1.1V to turn on the
regulator. Drive EN below 1V to turn off the
regulator. When floating, EN is pulled down to
GND by an internal 3.3M
Ω resistor. EN can be
connected to VIN directly and supports a 17V
input range.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The MP8771 UVLO comparator monitors the
output voltage of the internal regulator (VCC).
The VCC UVLO rising threshold is about 2.7V,
and its falling threshold is 2.35V.
When the input voltage is higher than the UVLO
rising threshold voltage, the MP8771 powers up.
The MP8771 shuts off when the input voltage is
lower than the UVLO falling threshold voltage.
This is a non-latch protection.
Soft Start (SS)
The
MP8771
employs
a
soft
start
(SS)
mechanism to ensure smooth output ramping
during power-up. When EN goes high, an
internal current source (6
μA) charges up the SS
capacitor. The SS capacitor voltage takes over
VREF to the PWM comparator. The output voltage
ramps up smoothly with the SS voltage (VSS). If
VSS rises above VREF, it continues to ramp up
until VREF takes over. At this point, the soft start
finishes, and the device enters steady-state
operation.
The SS capacitor value can be determined with
Equation (2):
 ss
ss
ss
REF
T (ms) I (uA)
C (nF)
0.83
V
(V)
(2)
If the SS cap is smaller than 4.7nF, an internal,
default, SS time (about 1.4ms) is active.
If the output capacitance is large, it is not
recommended to set the SS time too short;
otherwise, the current limit can be reached easily
during SS.
Power Good (PG) Indicator
PG is the open drain of a MOSFET that connects
to VCC or another voltage source through a
resistor (e.g.: 100k
Ω). The MOSFET turns on
with the application of an input voltage, so PG is
pulled to GND before SS is ready. After VFB
reaches 90% of VREF, PG is pulled high after a
5
0μs delay. When VFB drops to 80% of VREF, PG
is pulled low.
When UVLO or over-temperature protection
(OTP) occurs, PG is pulled low immediately.
When an over-current (OC) condition occurs, PG
is pulled low when VFB drops below 80% of VREF
after a 0.05ms delay. When an over-voltage
(OV) condition occurs, PG is pulled low when VFB
rises above 120% of VREF after a 0.05ms delay.
If VFB falls below 110% of VREF, PG is pulled high
after a 0.05ms delay.
If the input supply fails to power the MP8771, PG
is clamped low, even though PG is tied to an
external DC source through a pull-up resistor.
The relationship between the PG voltage and the
pull-up current is shown in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com