Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8771 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP8771
Description  17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8771 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP8771 Datasheet HTML 10Page - Monolithic Power Systems MP8771 Datasheet HTML 11Page - Monolithic Power Systems MP8771 Datasheet HTML 12Page - Monolithic Power Systems MP8771 Datasheet HTML 13Page - Monolithic Power Systems MP8771 Datasheet HTML 14Page - Monolithic Power Systems MP8771 Datasheet HTML 15Page - Monolithic Power Systems MP8771 Datasheet HTML 16Page - Monolithic Power Systems MP8771 Datasheet HTML 17Page - Monolithic Power Systems MP8771 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
MP8771
– 17V, 10A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8771 Rev. 1.0
www.MonolithicPower.com
14
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
The MP8771 is a fully integrated, synchronous,
rectified, step-down, switch-mode converter.
Constant-on-time (COT) control is employed to
provide fast transient response and ease loop
stabilization. Figure 2 shows the simplified ramp
compensation block in the MP8771. At the
beginning of each cycle, the high-side MOSFET
(HS-FET) is turned on when the feedback
voltage (VFB) is below the reference voltage
(VREF), which indicates an insufficient output
voltage. The on period is determined by both the
output voltage and input voltage to make the
switching frequency fairly constant over the input
voltage range.
After the on period elapses, the HS-FET is
turned off. The HS-FET is turned on again when
VFB drops below VREF. By repeating operation in
this way, the converter regulates the output
voltage. The integrated low-side MOSFET (LS-
FET) is turned on when the HS-FET is in its off
state to minimize conduction loss. There is a
dead short between the input and GND if both
the HS-FET and LS-FET are turned on at the
same time. This is called shoot-through. To
avoid shoot-through, a dead time (DT) is
generated internally between the HS-FET off
and LS-FET on period or the LS-FET off and HS-
FET on period.
Internal compensation is applied for COT control
to provide a more stable operation, even when
ceramic
capacitors
are
used
as
output
capacitors. This internal compensation improves
jitter performance without affecting the line or
load regulation.
VOUT
L
Cout
RESR
R1
R2
On
Timer
Logic
Control
REF
SW
RAMP
FB
RAMP
GENERATOR
PWM
BUF
Figure 2: Simplified Ramp Compensation Block
Heavy-Load Operation
Continuous conduction mode (CCM) is when the
output current is high and the inductor current is
always above zero amps (see Figure 3). When
VFB is below the error amplifier output voltage
(VEAO), the HS-FET is turned on for a fixed
interval determined by the one-shot on-timer.
When the HS-FET is turned off, the LS-FET is
turned on until the next period.
Figure 3: Heavy-Load Operation
In CCM operation, the switching frequency is
fairly
constant.
This
is
called
pulse-width
modulation (PWM) mode.
Light-Load Operation
When the MP8771 works in pulse-frequency
modulation (PFM) during light-load operation,
the MP8771 reduces the switching frequency
automatically to maintain high efficiency, and the
inductor current drops almost to zero. When the
inductor current reaches zero, the LS-FET driver
goes
into
tri-state
(Hi-Z)
(see
Figure
4).
Therefore, the output capacitors discharge
slowly to GND through the LS-FET, R1, and R2.
This operation improves device efficiency greatly
when the output current is low.
VEAO
VOUT
VIN
Ton is constant
IL
VSW
VRAMP
IOUT
Figure 4: Light-Load Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com