Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8771 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP8771
Description  17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8771 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP8771 Datasheet HTML 15Page - Monolithic Power Systems MP8771 Datasheet HTML 16Page - Monolithic Power Systems MP8771 Datasheet HTML 17Page - Monolithic Power Systems MP8771 Datasheet HTML 18Page - Monolithic Power Systems MP8771 Datasheet HTML 19Page - Monolithic Power Systems MP8771 Datasheet HTML 20Page - Monolithic Power Systems MP8771 Datasheet HTML 21Page - Monolithic Power Systems MP8771 Datasheet HTML 22Page - Monolithic Power Systems MP8771 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
MP8771
– 17V, 10A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8771 Rev. 1.0
www.MonolithicPower.com
20
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
VIN
VCC
EN
PG
FB
SS
PG
C5
22nF
EN
VIN
C1
22µF
SW
BST
C3
0.1µF
VOUT
C2
22µF
R1
20kΩ
R2
30kΩ
1V
C4
1µF
L1
0.56µH
MP8771
12V
8
3
7
14
9,10,11,
12,13
5
6
4
16
2
NC
1,15
C2A
22µF
C2B
22µF
C2C
22µF
C1A
22µF
C6
56pF
R3
R4
1kΩ
R5
100kΩ
R6
100kΩ
C1B
0.1µF
Figure 9: VIN = 12V, VOUT = 1V, IOUT = 10A (7)
VIN
VCC
EN
PG
FB
SS
PG
C5
22nF
EN
VIN
C1
22µF
SW
BST
C3
0.1µF
VOUT
C2
22µF
R1
20kΩ
R2
20kΩ
1.2V
C4
1µF
L1
0.56µH
MP8771
12V
8
3
7
14
9,10,11,
12,13
5
6
4
16
2
NC
1,15
C2A
22µF
C2B
22µF
C2C
22µF
C1A
22µF
C6
56pF
R3
R4
1kΩ
R5
100kΩ
R6
100kΩ
C1B
0.1µF
Figure 10: VIN = 12V, VOUT = 1.2V, IOUT = 10A (7)
VIN
VCC
EN
PG
FB
SS
PG
C5
22nF
EN
VIN
C1
22µF
SW
BST
C3
0.1µF
VOUT
C2
22µF
R1
20kΩ
R2
13kΩ
1.5V
C4
1µF
L1
0.56µH
MP8771
12V
8
3
7
14
9,10,11,
12,13
5
6
4
16
2
NC
1,15
C2A
22µF
C2B
22µF
C2C
22µF
C1A
22µF
C6
56pF
R3
R4
1kΩ
R5
100kΩ
R6
100kΩ
C1B
0.1µF
Figure 11: VIN = 12V, VOUT = 1.5V, IOUT = 10A (7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com