Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFT09MS007NT1 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # AFT09MS007NT1
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09MS007NT1 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button AFT09MS007NT1 Datasheet HTML 10Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 11Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 12Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 13Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 14Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 15Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 16Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 17Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
RF Device Data
Freescale Semiconductor, Inc.
AFT09MS007NT1
450–520 MHz UHF BROADBAND REFERENCE CIRCUIT
Figure 16. AFT09MS007NT1 UHF Broadband Reference Circuit Component Layout — 450–520 MHz
C1
L1
C2
C4
C3
C5
L3
C6
R1
Q1
J1
C7
C8
C9
C10
L4
C16
C15
L7
C14
L6
C13
L5
C11 C12
VGG
VDD
L2
C17
D49947
Table 14. AFT09MS007NT1 UHF Broadband Reference Circuit Component Designations and Values — 450–520 MHz
Part
Description
Part Number
Manufacturer
C1, C16
100 pF Chip Capacitors
ATC600F101JT250XT
ATC
C2
7.5 pF Chip Capacitor
GQM2195C2E7R5BB12D
Murata
C3
5.6 pF Chip Capacitor
ATC600F5R6BT250XT
ATC
C4
39 pF Chip Capacitor
ATC600F390JT250XT
ATC
C5, C9
240 pF Chip Capacitors
ATC600F241JT250XT
ATC
C6, C7
0.1 F Chip Capacitors
GRM21BR71H104KA01B
Murata
C8
0.01 F Chip Capacitor
GRM21BR72A103KA01B
Murata
C10
2.2 F Chip Capacitor
GRM31CR71H225KA88L
Murata
C11, 12
12 pF Chip Capacitors
ATC600F120JT250XT
ATC
C13
8.2 pF Chip Capacitor
ATC600F8R2BT250XT
ATC
C14
20 pF Chip Capacitor
ATC600F200JT250XT
ATC
C15
2 pF Chip Capacitor
ATC600F2R0BT250XT
ATC
C17
47 pF Chip Capacitor
ATC600F470JT250XT
ATC
J1
3--pin Header
22-28-8360
Molex
L1
2.55 nH Inductor
0906-3JLC
Coilcraft
L2
3.85 nH Inductor
0906-4JLC
Coilcraft
L3
22 nH Inductor
0908SQ22N
Coilcraft
L4, L5
17 nH Inductors
0908SQ17N
Coilcraft
L6
1.65 nH Inductor
0906-2JLC
Coilcraft
L7
8.1 nH Inductor
0908SQ8R1N
Coilcraft
R1
22 , 1/10 W Chip Resistor
RR1220Q-220-D
Susumu
Q1
RF Power LDMOS Transistor
AFT09MS007N
Freescale
PCB
Shengyi S1000-2, 0.020, r =4.8
D49947
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com