Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFT09MS007NT1 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # AFT09MS007NT1
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09MS007NT1 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button AFT09MS007NT1 Datasheet HTML 13Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 14Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 15Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 16Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 17Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 18Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 19Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 20Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AFT09MS007NT1
17
RF Device Data
Freescale Semiconductor, Inc.
450–520 MHz UHF BROADBAND REFERENCE CIRCUIT
Zo =10 
f = 450 MHz
f = 530 MHz
f = 530 MHz
f = 450 MHz
Zload
Zsource
VDD =7.5 Vdc, IDQ = 150 mA, Pout =7.5 W
f
MHz
Zsource
Zload
450
0.45 + j2.46
1.56 + j1.05
460
0.40 + j2.37
1.52 + j1.24
470
0.40 + j2.97
1.46 + j1.51
480
0.38 + j3.56
1.39 + j1.71
490
0.41 + j4.16
1.35 + j2.06
500
0.51 + j4.79
1.34 + j2.06
510
0.70 + j5.54
1.37 + j2.30
520
0.93 + j6.44
1.40 + j 2.50
530
1.14 + j7.56
1.42 + j2.62
Zsource = Test circuit impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Figure 21. UHF Broadband Series Equivalent Source and Load Impedance — 450–520 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 
50 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com