Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFT09MS007NT1 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # AFT09MS007NT1
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09MS007NT1 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button AFT09MS007NT1 Datasheet HTML 15Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 16Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 17Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 18Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 19Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 20Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 21Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 22Page - NXP Semiconductors AFT09MS007NT1 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AFT09MS007NT1
19
RF Device Data
Freescale Semiconductor, Inc.
760–860 MHz BROADBAND REFERENCE CIRCUIT
Figure 22. AFT09MS007NR1 Broadband Reference Circuit Component Layout — 760–860 MHz
C1
VGG GND
VDD
C2
B1
C8
J1
R1
C6
C3
C5
C7
Q1
C4
C10
C12
C14
C11
C13
C15
C16
B2
C9
L1
AFT09MS007N Rev. 1
D55295
Table 18. AFT09MS007NR1 Broadband Reference Circuit Component Designations and Values — 760–860 MHz
Part
Description
Part Number
Manufacturer
B1, B2
RF Beads
2743019447
Fair-Rite
C1
10 pF Chip Capacitor
GQM2195C2E100FB15
Murata
C2
3.9 pF Chip Capacitor
GQM2195C2E3R9BB15
Murata
C3
7.5 pF Chip Capacitor
GQM2195C2E7R5BB15
Murata
C4, C13, C16
100 pF Chip Capacitors
GQM2195C2E101GB15
Murata
C5
8.2 pF Chip Capacitor
GQM2195C2E8R2BB15
Murata
C6, C7
20 pF Chip Capacitors
GQM2195C2E200GB15
Murata
C8
1 F Chip Capacitor
GRM31MR71H105KA88L
Murata
C9
10 F Chip Capacitor
GRM31CR61H106KA12L
Murata
C10, C11
12 pF Chip Capacitors
GQM2195C2E120FB15
Murata
C12
5.1 pF Chip Capacitor
GQM2195C2E5R1BB15
Murata
C14
4.7 pF Chip Capacitor
GQM2195C2E4R7BB15
Murata
C15
3.9 pF Chip Capacitor
GQM2195C2E3R9BB15
Murata
J1
3--pin Header
22-28-8360
Molex
L1
22 nH Inductor
0908SQ-22NJL
Coilcraft
Q1
RF Power LDMOS Transistor
AFT09MS007N
Freescale
R1
200  Chip Resistor
CRCW0805200RJNEA
Vishay
PCB
Shengyi S1000--2, 0.020, r =4.8
D55295
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com