Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-P302 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # ACPL-P302
Description  0.4-Amp Output Current IGBT Gate Driver Optocouplers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-P302 Datasheet(HTML) 3 Page - Broadcom Corporation.

  ACPL-P302 Datasheet HTML 1Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 2Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 3Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 4Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 5Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 6Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 7Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 8Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Broadcom Confidential
- 3 -
ACPL-P302/ACPL-W302
Data Sheet
Package Outline Drawing
ACPL-P302 Stretched SO6 Package
ACPL-W302 Stretched SO6 Package
7°
7°
45°
5° NOM.
0.381 ±0.127
(0.015 ±0.005)
1.27 (0.050) BSG
*4.580+0.254
0
7°
7°
3.180 ±0.127
(0.125 ±0.005)
1.590 ±0.127
(0.063 ±0.005)
0.254 ±0.050
(0.010 ±0.002)
9.7 ±0.250
(0.382 ±0.010)
0.180 +0.010
0.000
(
)
1 ±0.250
(0.040 ±0.010)
0.20 ±0.10
(0.008 ±0.004)
7.62 (0.300)
6.81 (0.268)
0.45 (0.018)
10.7
(0.421)
1.27 (0.05)
0.76 (0.03)
2.16
(0.085)
Land Pattern Recommendation
Floating Lead Protusions max. 0.25 mm (0.01”)
Dimensions in Millimeters (Inches)
Lead Coplanarity = 0.1 mm (0.004“)
Total package length (inclusive of mold ash): 4.834 mm ±0.254 mm (0.190” ±0.010”)
45°
7°
7°
2
1
3
4
5
6
7°
7°
0.381 ±0.127
(0.015 ±0.005)
0.20 ±0.10
(0.008 ±0.004)
Floating Lead Protusions max. 0.25 mm (0.01”)
Dimensions in Millimeters (Inches)
Lead Coplanarity = 0.1 mm (0.004“)
Total package length (inclusive of mold ash): 4.834 mm ±0.254 mm (0.190” ±0.010”)
*4.580+0.254
0
0.180 +0.010
0.000
(
)
6.807 +0.127
0
0.268 +0.005
0.000
(
)
1.27 (0.050) BSG
35° NOM.
0.750 ±0.250
(0.0295 ±0.010)
11.500 ±0.25
(0.453 ±0.010)
0.254 ±0.050
(0.010 ±0.002)
1.590 ±0.127
(0.063 ±0.005)
3.180 ±0.127
(0.125 ±0.005)
0.45 (0.018)
7.62 (0.300)
12.65
(0.5)
1.27 (0.05)
0.76 (0.03)
1.905
(0.075)
Land Pattern Recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com