Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-P302 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # ACPL-P302
Description  0.4-Amp Output Current IGBT Gate Driver Optocouplers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-P302 Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button ACPL-P302 Datasheet HTML 2Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 3Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 4Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 5Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 6Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 7Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 8Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 9Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Broadcom Confidential
- 6 -
ACPL-P302/ACPL-W302
Data Sheet
Electrical Specifications (DC)
Over recommended operating conditions unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Fig.
Note
High Level Output Current
IOH
0.15
A
VO = VCC – 4
5
0.2
0.3
A
VO = VCC – 10
2
2
Low Level Output Current
IOL
0.15
A
VO = VEE + 2.5
5
0.2
0.3
A
VO = VEE + 10
4
2
High Level Output Voltage
VOH
VCC – 4
VCC – 1.8
V
IO = –100 mA
1
6, 7
Low Level Output Voltage
VOL
0.4
1
V
IO = 100 mA
3
High Level Supply Current
ICCH
0.7
3
mA
IF = 10 mA
5, 6
15
Low Level Supply Current
ICCL
1.2
3
mA
IF = 0 mA
5, 6
15
Threshold Input Current
Low to High
IFLH
6
mA
IO = 0 mA, VO > 5V
7, 13
Threshold Input Voltage
High to Low
VFHL
0.8
V
IO = 0 mA, VO > 5V
Input Forward Voltage
VF
1.2
1.5
1.8
V
IF = 10 mA
14
Temperature Coefficient of
Input Forward Voltage
ΔVF/ΔTA
–1.6
mV/°C
IF = 10 mA
Input Reverse Breakdown Voltage
BVR
5
V
IR = 10 µA
Input Capacitance
CIN
60
pF
f = 1 MHz, VF = 0V
Switching Specifications (AC)
Over recommended operating conditions unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Fig.
Note
Propagation Delay Time
to High Output Level
tPLH
0.1
0.2
0.7
µs
Rg = 75Ω, Cg = 1.5 nF,
f = 10 kHz,
Duty Cycle = 50%,
IF = 7 mA, VCC = 30V
8, 9,
10, 11,
12, 15
14
Propagation Delay Time
to Low Output Level
tPHL
0.1
0.3
0.7
µs
14
Propagation Delay Difference
Between Any Two Parts or
Channels
PDD
–0.5
0.5
µs
11
Rise Time
tR
50
ns
Fall Time
tF
50
ns
Output High Level Common
Mode Transient Immunity
|CMH|
10
kV/µs
TA = 25°C,
VCM = 1000V
16
12
Output Low Level Common
Mode Transient Immunity
|CML|
10
kV/µs
16
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com