Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-P302 Datasheet(PDF) 12 Page - Broadcom Corporation.

Part # ACPL-P302
Description  0.4-Amp Output Current IGBT Gate Driver Optocouplers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-P302 Datasheet(HTML) 12 Page - Broadcom Corporation.

Back Button ACPL-P302 Datasheet HTML 7Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 8Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 9Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 10Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 11Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 12Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 13Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 14Page - Broadcom Corporation. ACPL-P302 Datasheet HTML 15Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Broadcom Confidential
- 12 -
ACPL-P302/ACPL-W302
Data Sheet
CMR with the LED On (CMRH)
A high CMR LED drive circuit must keep the LED on during
common mode transients. This is achieved by overdriving the
LED current beyond the input threshold so that it is not pulled
below the threshold during a transient. A minimum LED
current of 7 mA provides adequate margin over the maximum
IFLH of 5 mA to achieve 10 kV/µs CMR.
LED Drive Circuit Considerations for Ultra High
CMR Performance
Without a detector shield, the dominant cause of optocoupler
CMR failure is capacitive coupling from the input side of the
optocoupler, through the package, to the detector IC as shown
in Figure 19. The ACPL-P302/W302 improves CMR performance
by using a detector IC with an optically transparent Faraday
shield, which diverts the capacitively coupled current away
from the sensitive IC circuitry. However, this shield does not
eliminate the capacitive coupling between the LED and opto-
coupler pins 5-8 as shown in Figure 20. This capacitive cou-
pling causes perturbations in the LED current during common
mode transients and becomes the major source of CMR
failures for a shielded optocoupler. The main design objective
of a high CMR LED drive circuit becomes keeping the LED in
the proper state (on or off) during common mode transients.
For example, the recommended application circuit (Figure
17), can achieve 10 kV/µs CMR while minimizing component
complexity.
Techniques to keep the LED in the proper state are discussed
in the next two sections.
Figure 21 Equivalent Circuit for Figure 15 During CM Transient
The open collector drive circuit, shown in Figure 22, can not
keep the LED off during a +dVCM/dt transient, since all the
current flowing through CLEDN must be supplied by the LED,
and it is not recommended for applications requiring ultra
high CMRL performance. The alternative drive circuit which like
the recommended application circuit (Figure 17), does achieve
ultra high CMR performance by shunting the LED in the off
state.
Figure 19 Optocoupler Input to Output Capacitance Model for
Unshielded Optocouplers
Figure 20 Optocoupler Input to Output Capacitance Model for
Shielded Optocouplers
Figure 22 Not Recommended Open Collector Drive Circuit
CMR with the LED Off (CMRL)
A high CMR LED drive circuit must keep the LED off (VF ≤
VF(OFF)) during common mode transients. For example, during
a -dVCM/dt transient in Figure 21, the current flowing through
CLEDP also flows through the RSAT and VSAT of the logic gate. As
long as the low state voltage developed across the logic gate is
less than VF(OFF) the LED will remain off and no common mode
failure will occur.
Figure 23 Recommended LED Drive Circuit for Ultra-High CMR
Dead Time and Propagation Delay Specifications
C
LEDP
C
LEDN
6
1
5
2
4
3
C
LEDP
C
LEDN
6
1
5
2
4
3
C
LEDP
C
LEDN
6
1
5
2
4
3
SHIELD
C
LED01
C
LED02
C
LEDP
C
LEDN
6
1
5
2
4
3
SHIELD
C
LED01
C
LED02
C
LEDP
C
LEDN
6
1
5
2
4
3
SHIELD
I
LEDP
R
g
V
CC = 18V
+
-
0.1 mF
THEARROWS INDICATETHEDIRECTION
OFCURRENTFLOW DURING - dV
CM/ dt
+5 V
V
SAT
+
-
V
CM
I
+
-
V
SAT
+
-
V
SAT
+
-
·
·
C
LEDP
C
LEDN
6
1
5
2
4
3
SHIELD
I
LEDN
+5 V
Q1
C
LEDP
C
LEDN
6
1
5
2
4
3
SHIELD
I
LEDN
+5 V
Q1
Q1
C
LEDP
C
LEDN
6
1
5
2
4
3
SHIELD
+5 V
C
LEDP
C
LEDN
6
1
5
2
4
3
+5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com