Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYW20719 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # CYW20719
Description  Enhanced Low Power, BR/EDR/BLE Bluetooth 5.0 SOC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20719 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button CYW20719 Datasheet HTML 35Page - Cypress Semiconductor CYW20719 Datasheet HTML 36Page - Cypress Semiconductor CYW20719 Datasheet HTML 37Page - Cypress Semiconductor CYW20719 Datasheet HTML 38Page - Cypress Semiconductor CYW20719 Datasheet HTML 39Page - Cypress Semiconductor CYW20719 Datasheet HTML 40Page - Cypress Semiconductor CYW20719 Datasheet HTML 41Page - Cypress Semiconductor CYW20719 Datasheet HTML 42Page - Cypress Semiconductor CYW20719 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Document Number: 002-14815 Rev. *D
Page 39 of 49
PRELIMINARY
CYW20719
10.3.3 I2C Compatible Interface Timing
The specifications in Table 28 references Figure 11.
Figure 11. I2C Interface Timing Diagram
Table 28. I2C Compatible Interface Timing Specifications (up to 1 MHz)
Reference
Characteristics
Minimum
Maximum
Unit
1
Clock frequency
–
100
kHz
400
800
1000
2
START condition setup time
650
–
ns
3
START condition hold time
280
–
ns
4
Clock low time
650
–
ns
5
Clock high time
280
–
ns
6
Data input hold timea
a. As a transmitter, 125 ns of delay is provided to bridge the undefined region of the falling edge of SCL to avoid unintended generation of START or STOP conditions.
0
–
ns
7
Data input setup time
100
–
ns
8
STOP condition setup time
280
–
ns
9
Output valid from clock
–
400
ns
10
Bus free timeb
b. Time that the CBUS must be free before a new transaction can start.
650
–
ns
2
8
SCL
SDA
IN
SDA
OUT
7
6
1
5
10
3
4
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com