Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYW20719 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYW20719
Description  Enhanced Low Power, BR/EDR/BLE Bluetooth 5.0 SOC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20719 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYW20719 Datasheet HTML 9Page - Cypress Semiconductor CYW20719 Datasheet HTML 10Page - Cypress Semiconductor CYW20719 Datasheet HTML 11Page - Cypress Semiconductor CYW20719 Datasheet HTML 12Page - Cypress Semiconductor CYW20719 Datasheet HTML 13Page - Cypress Semiconductor CYW20719 Datasheet HTML 14Page - Cypress Semiconductor CYW20719 Datasheet HTML 15Page - Cypress Semiconductor CYW20719 Datasheet HTML 16Page - Cypress Semiconductor CYW20719 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Document Number: 002-14815 Rev. *D
Page 13 of 49
PRELIMINARY
CYW20719
6.10 Serial Peripheral Interface block
The CYW20719 has two independent SPI interfaces. Both interfaces support Single, Dual, and Quad mode SPI operations as well
as MIPI DBI-C Interface.Either of the interface can be a master/slave. SPI2 can support only one Slave. SPI1 has a 1024 byte transmit
and receive buffers which is shared with the host UART interface. SPI2 has a dedicated 256 byte transmit and receive buffers. To
support more flexibility for user applications, the CYW20719 has optional I/O ports that can be configured individually and separately
for each functional pin. SPI I/O voltage depends on VDDO.
6.10.1 MIPI interface
There are three options in DBI type-C corresponding to 9-bit, 16-bit, and 8-bit modes. The CYW20719 plays the role of host, and only
the 9-bit and 8-bit modes (option 1 and option 3 in DBI-C spec) are supported. In the 9-bit mode, the SCL, CS, MOSI, and MISO pins
are used. In the 8-bit mode, an additional pin DCX, indicating whether the current outgoing bit stream is a command or data byte is
required.
6.11 Pulse Density Modulation (PDM) Microphone
The CYW20719 accepts a ΣΔ-based one-bit PDM input stream and outputs filtered samples at either 8 kHz or 16 kHz sampling rates.
The PDM signal derives from an external kit that can process analog microphone signals and generate digital signals. The PDM input
shares the filter path with the aux ADC. Two types of data rates can be supported:
■ 8 kHz
■ 16 kHz
The external digital microphone takes in a 2.4 MHz clock generated by the CYW20719 and outputs a PDM signal which is registered
by the PDM interface with either the rising or falling edge of the 2.4 MHz clock selectable through a programmable control bit. The
design can accommodate two simultaneous PDM input channels, so stereo voice is possible.
Note: Subject to the driver support in WICED Studio.
6.12 I2S Interface
The CYW20719 supports a single I2S digital audio port in both master and slave modes. The I2S signals are:
■ I2S Clock: I2S SCK
■ I2S Word Select: I2S WS
■ I2S Data Out: I2S DO
■ I2S Data In: I2S DI
I2S SCK and I2S WS become outputs in master mode and inputs in slave mode, while I2S DO always stays as an output and I2S DI
stays as input. The channel word length is fixed to 16 bits (frame length of 32 bits) and the data is justified so that the MSB of the left-
channel data is aligned with the MSB of the I2S bus, as per I2S Specifications. The MSB of each data word is transmitted one bit clock
cycle after the I2S WS transition, synchronous with the falling edge of bit clock. Left Channel data is transmitted when I2S WS is low,
and right-channel data is transmitted when I2S WS is high. Data bits sent by the CYW20719 are synchronized with the falling edge
of I2S SCK and should be sampled by the receiver on the rising edge of the I2S SCK.
The I2S port is primarily used to transfer audio samples while using the A2DP profile1. The A2DP controller is half duplex and the
direction of the audio samples depend on the A2DP role (sink/source). The I2S clock in the master mode can either be
■ 44.1 KHz x 32 bits per frame = 1411.2 KHz
■ 48 KHz x 32 bits per frame = 1536 KHz
In the slave mode, any clock rate is supported up to a maximum of 3.072 MHz.
Note: PCM interface shares HW with the I2S interface which means that both voice and audio cannot be routed at the same time.
1. The I2S port cannot be used at the application level for purposes other than routing A2DP audio samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com